Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STFU15NM65N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFU15NM65N
Description  N-channel 650 V, 0.35 Ω typ., 12 A MDmesh™ II Power MOSFET in a TO-220FP ultra narrow leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU15NM65N Datasheet(HTML) 1 Page - STMicroelectronics

  STFU15NM65N Datasheet HTML 1Page - STMicroelectronics STFU15NM65N Datasheet HTML 2Page - STMicroelectronics STFU15NM65N Datasheet HTML 3Page - STMicroelectronics STFU15NM65N Datasheet HTML 4Page - STMicroelectronics STFU15NM65N Datasheet HTML 5Page - STMicroelectronics STFU15NM65N Datasheet HTML 6Page - STMicroelectronics STFU15NM65N Datasheet HTML 7Page - STMicroelectronics STFU15NM65N Datasheet HTML 8Page - STMicroelectronics STFU15NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2015
DocID027631 Rev 2
1/12
This is information on a product in full production.
www.st.com
STFU15NM65N
N-
channel 650 V, 0.35 Ω typ., 12 A MDmesh™ II
Power MOSFET in a TO-220FP ultra narrow leads package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max
ID
STFU15NM65N
650 V
0.38 Ω
12 A
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Applications
Switching applications
Description
This device is an N-channel Power MOSFET
developed using the second generation of
MDmesh™ technology. This revolutionary Power
MOSFET associates a vertical structure to the
company’s strip layout to yield one of the world’s
lowest on-resistance and gate charge. It is
therefore suitable for the most demanding high
efficiency converters.
Table 1: Device summary
Order code
Marking
Package
Packaging
STFU15NM65N
15NM65N
TO-220FP ultra narrow leads
Tube
TO-220FP
ultra narrow leads
1
2
3


Similar Part No. - STFU15NM65N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STFU15NM65N ISC-STFU15NM65N Datasheet
294Kb / 2P
isc N-Channel Mosfet Transistor
More results

Similar Description - STFU15NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFU13N65M2 STMICROELECTRONICS-STFU13N65M2 Datasheet
759Kb / 12P
N-channel 650 V, 0.37 Ω typ., 10 A MDmesh™M2 Power MOSFET in a TO-220FP ultra narrow leads package
26-May-2015
STFU13N80K5 STMICROELECTRONICS-STFU13N80K5 Datasheet
754Kb / 13P
N-channel 800 V, 0.37 Ω typ., 12 A MDmesh™K5 Power MOSFET in a TO-220FP ultra narrow leads package
08-Oct-2015
STFU10NK60Z STMICROELECTRONICS-STFU10NK60Z Datasheet
593Kb / 13P
N-channel 600 V, 0.68 Ω typ., 10 A, SuperMESH™ Power MOSFET in a TO-220FP ultra narrow leads package
December 2016 Rev 3
STFU11N65M2 STMICROELECTRONICS-STFU11N65M2 Datasheet
454Kb / 12P
N-channel 650 V, 0.60 typ., 7 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
25-Jun-2019
STFU13N60M2 STMICROELECTRONICS-STFU13N60M2 Datasheet
655Kb / 12P
N-channel 600 V, 0.35 typ., 11 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFU18N60M2 STMICROELECTRONICS-STFU18N60M2 Datasheet
513Kb / 12P
N-channel 600 V, 0.255 typ., 13 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
20-Jun-2019
STFU9N65M2 STMICROELECTRONICS-STFU9N65M2 Datasheet
462Kb / 12P
N-channel 650 V, 0.79 typ., 5 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
21-Jun-2019
STF5N65M6 STMICROELECTRONICS-STF5N65M6 Datasheet
700Kb / 13P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a TO-220FP package
05-May-2016
STFU10N80K5 STMICROELECTRONICS-STFU10N80K5_V01 Datasheet
841Kb / 17P
N-channel 800 V, 0.470 Ω typ., 9 A MDmesh™ K5 Power MOSFETs in a TO-220FP and TO-220FP ultra narrow leads
08-Sep-2016
STFU14N80K5 STMICROELECTRONICS-STFU14N80K5 Datasheet
459Kb / 12P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220FP ultra narrow leads package
10-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com