Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5480 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 2Page - Cirrus Logic CS5480 Datasheet HTML 3Page - Cirrus Logic CS5480 Datasheet HTML 4Page - Cirrus Logic CS5480 Datasheet HTML 5Page - Cirrus Logic CS5480 Datasheet HTML 6Page - Cirrus Logic CS5480 Datasheet HTML 7Page - Cirrus Logic CS5480 Datasheet HTML 8Page - Cirrus Logic CS5480 Datasheet HTML 9Page - Cirrus Logic CS5480 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
CS5480
6
DS980F3
2. PIN DESCRIPTION
Clock Generator
Crystal In
Crystal Out
1,24
XIN, XOUT — Connect to an external quartz crystal. Alternatively, an external clock can be
supplied to the XIN pin to provide the system clock for the device.
Digital Pins and Serial Data I/O
Digital Outputs
13,14,15 DO1, DO2, DO3 — Configurable digital outputs for energy pulses, interrupt, tamper indication,
energy direction, and zero-crossings.
Reset
2
RESET — An active-low Schmitt-trigger input used to reset the chip.
Serial Data I/O
16,17
TX/SDO, RX/SDI — UART/SPI serial data output/input.
Serial Clock Input
18
SCLK — Serial clock for the SPI.
Serial Mode Select
20
SSEL — Selects the type of the serial interface, UART or SPI™. Logic level one - UART
selected. Logic level zero - SPI selected.
Chip Select
19
CS — Chip select for the UART/SPI.
Operating Mode Select
21
MODE — Connect to VDDA for proper operation.
Analog Inputs/Outputs
Voltage Input
5,6
VIN+, VIN- — Differential analog input for the voltage channel.
Current Inputs
4,3,8,7
IIN1+, IIN1-, IIN2+, IIN2- — Differential analog inputs for the current channels.
Voltage Reference
10,9
VREF+, VREF- — The internal voltage reference. A 0.1 µF bypass capacitor is required
between these two pins.
Power Supply Connections
Internal Digital Supply
23
VDDD — Decoupling pin for the internal 1.8V digital supply. A 0.1µF bypass capacitor is
required between this pin and GNDD.
Digital Ground
22
GNDD — Digital ground.
Positive Analog Supply
12
VDDA — The positive 3.3V analog supply.
Analog Ground
11
GNDA — Analog ground.
Thermal Pad
-
No Electrical Connection.
8
7
6
5
4
3
2
1
9
10
11
12
19
20
21
22
23
24
13
14
15
16
17
18
Top-Down (Through Package) View
24-Pin QFN Package
XIN
RESET
IIN1-
IIN1+
VIN+
SCLK
RX/SDI
TX/SDO
DO2
DO1
Thermal Pad
VIN-
DO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com