Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5480 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 4Page - Cirrus Logic CS5480 Datasheet HTML 5Page - Cirrus Logic CS5480 Datasheet HTML 6Page - Cirrus Logic CS5480 Datasheet HTML 7Page - Cirrus Logic CS5480 Datasheet HTML 8Page - Cirrus Logic CS5480 Datasheet HTML 9Page - Cirrus Logic CS5480 Datasheet HTML 10Page - Cirrus Logic CS5480 Datasheet HTML 11Page - Cirrus Logic CS5480 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
CS5480
8
DS980F3
2.2.3.1 SPI
The CS5480 provides a Serial Peripheral Interface
(SPI) that operates as a slave device in 4-wire mode
and supports multiple slaves on the SPI bus. The 4-wire
SPI includes CS, SCLK, SDI, and SDO signals.
CS is the chip select input for the CS5480 SPI port. A
high logic level de-asserts it, tri-stating the SDO pin and
clearing the SPI interface. A low logic level enables the
SPI port. Although the CS pin may be tied low for
systems that do not require multiple SDO drivers, using
the CS signal is strongly recommended to achieve a
more reliable SPI communication.
SCLK is the serial clock input for the CS5480 SPI port.
Serial data changes as a result of the falling edge of
SCLK and is valid at the rising edge. The SCLK pin is a
Schmitt-trigger input.
SDI is the serial data input to the CS5480.
SDO is the serial data output from the CS5480.
The CS5480 SPI transmits and receives data MSB first.
Refer to Switching Characteristics on page 14 and
Figure 7 on page 15 for more detailed information of
SPI timing.
2.2.3.2 UART
The CS5480 device contains an asynchronous,
full-duplex UART. The UART may be used in either
standard 2-wire communication mode (RX/TX) for
connecting a single device or 3-wire communication
mode (RX/TX/CS) for connecting multiple devices.
When connecting a single CS5480 device, CS should
be held low to enable the UART. Multiple CS5480
devices can communicate to the same master UART in
the 3-wire mode by pulling a slave CS pin low during
data transmissions. Common RX and TX signals are
provided to all the slave devices, and each slave device
requires
a
separate
CS
signal
for
enabling
communication to that slave. The multi-device UART
mode connections are shown in Figure 2.
Figure 2. Multi-device UART Connections
The multi-device UART mode timing diagram provides
the timing requirements for the CS control (see Figure
8. Multi-device UART Timing on page15).
The CS5480 UART operates in 8-bit mode, which
transmits a total of 10 bits per byte. Data is transmitted
and received LSB first, with one start bit, eight data bits,
and one stop bit.
Figure 3. UART Serial Frame Format
The baud rate is defined in the SerialCtrl register. After
chip reset, the default baud rate is 600, if MCLK is
4.096MHz. The baud rate is based on the contents of
bits BR[15:0] in the SerialCtrl register and is calculated
as follows:
BR[15:0] = Baud Rate x (524288/MCLK)
or
Baud Rate = BR[15:0] / (524288/MCLK)
The maximum baud rate is 512K if MCLK is 4.096MHz.
2.2.4 MODE Pin
The MODE pin must be tied to VDDA for normal
operation. The MODE pin is used primarily for factory
test procedures.
UART
MASTER
SLAVE 0
SLAVE 1
SLAVE N
CS
RX
TX
CS
RX
TX
CS
RX
TX
CS0
CS1
CSN
RX
TX
0
1
2
7
IDLE
STOP
3
4
5
6
START
DATA
IDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com