Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5480 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5480 Datasheet HTML 1Page - Cirrus Logic CS5480 Datasheet HTML 2Page - Cirrus Logic CS5480 Datasheet HTML 3Page - Cirrus Logic CS5480 Datasheet HTML 4Page - Cirrus Logic CS5480 Datasheet HTML 5Page - Cirrus Logic CS5480 Datasheet HTML 6Page - Cirrus Logic CS5480 Datasheet HTML 7Page - Cirrus Logic CS5480 Datasheet HTML 8Page - Cirrus Logic CS5480 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
Copyright
 Cirrus Logic, Inc. 2013
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS5480
Three Channel Energy Measurement IC
Features
Superior Analog Performance with Ultra-low Noise Level &
High SNR
Energy Measurement Accuracy of 0.1% over 4000:1
Dynamic Range
Current RMS Measurement Accuracy of 0.1% over 1000:1
Dynamic Range
3 Independent 24-bit, 4th-order, Delta-Sigma Modulators
for Voltage and Current Measurements
3 Configurable Digital Outputs for Energy Pulses,
Zero-crossing, or Energy Direction
Supports Shunt Resistor, CT, & Rogowski Coil Current
Sensors
On-chip Measurements & Calculations:
- Active, Reactive, and Apparent Power
- RMS Voltage and Current
- Power Factor and Line Frequency
- Instantaneous Voltage, Current, and Power
Overcurrent, Voltage Sag, and Voltage Swell Detection
Ultra-fast On-chip Digital Calibration
Internal Register Protection via Checksum and Write
Protection
UART/SPI™ Serial Interface
On-chip Temperature Sensor
On-chip Voltage Reference (25ppm / °C Typ.)
Single 3.3V Power Supply
Ultra-fine Phase Compensation
Low Power Consumption: <13mW
Power Supply Configurations
GNDA = GNDD = 0V, VDDA = +3.3V
4mm x 4mm, 24-pin QFN Package
ORDERING INFORMATION
See Page 69.
Description
The CS5480 is a high-accuracy, three-channel, energy mea-
surement analog front end.
The CS5480 incorporates independent, 4th order, Delta-Sigma
analog-to-digital converters for every channel, reference cir-
cuitry, and the proven EXL signal processing core to provide
active, reactive, and apparent energy measurement. In addi-
tion, RMS and power factor calculations are available.
Calculations are output via configurable energy pulse, or direct
UART/SPI™ serial access to on-chip registers.
Instantaneous current, voltage, and power measurements are
also available over the serial port. Multiple serial options are
offered to allow customer flexibility. The SPI provides higher
speed, and the 2-wire UART minimizes the cost of isolation
where required.
Three configurable digital outputs provide energy pulses, zero-
crossing, energy direction, and interrupt functions. Interrupts
can be generated for a variety of conditions including voltage
sag or swell, overcurrent, and more. On-chip register integrity
is assured via checksum and write protection. The CS5480 is
designed to interface to a variety of voltage and current sen-
sors including shunt resistors, current transformers, and
Rogowski coils.
On-chip functionality makes digital calibration simple and ul-
tra-fast, minimizing the time required at the end of the
customer production line. Performance across temperature is
ensured with an on-chip voltage reference with very low drift.
A single 3.3V power supply is required, and power consump-
tion is very low at <13mW. To minimize space requirements,
the CS5480 is offered in a low-cost, 4mm x 4mm 24-pin QFN
package.
VDDA
GNDA
TX / SDO
RX / SDI
UART/SPI
Serial
Interface
Energy
To
Pulse
Conversion
RESET
Calculation
4th Order

Modulator
Digital
Filter
HPF
Option
DO1
DO2
Digital
Filter
4th Order

Modulator
HPF
Option
Temperature
Sensor
VREF+
Voltage
Reference
VDDD
VREF-
System
Clock
IIN2+
IIN2-
PGA
IIN1+
IIN1-
PGA
10x
CS5480
GNDD
CS
SCLK
SSEL
DO3
VIN+
VIN-
Clock
Generator
XIN
XOUT
MODE
Digital
Filter
HPF
Option
4th Order

Modulator
MAR’13
DS980F3


Similar Part No. - CS5480

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
Four Channel Energy Measurement IC
CS5484 CIRRUS-CS5484 Datasheet
809Kb / 67P
Four Channel Energy Measurement IC
CS5484-INZ APEX-CS5484-INZ Datasheet
802Kb / 67P
Four Channel Energy Measurement IC
CS5484-INZR APEX-CS5484-INZR Datasheet
802Kb / 67P
Four Channel Energy Measurement IC
More results

Similar Description - CS5480

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5464 CIRRUS-CS5464 Datasheet
795Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464_07 Datasheet
867Kb / 46P
Three-channel, Single-phase Power/Energy IC
logo
Teridian Semiconductor ...
78M6618 TERIDIAN-78M6618 Datasheet
426Kb / 32P
Octal Power and Energy Measurement IC
logo
Cirrus Logic
CS5464 CIRRUS-CS5464_11 Datasheet
484Kb / 46P
Three-channel, Single-phase Power/Energy IC
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
Four Channel Energy Measurement IC
CS5490 APEX-CS5490 Datasheet
753Kb / 56P
Two Channel Energy Measurement IC
CS5490 CIRRUS-CS5490 Datasheet
762Kb / 57P
Two Channel Energy Measurement IC
logo
Sames
SA4305A SAMES-SA4305A Datasheet
528Kb / 15P
Three Phase Bidirectional Energy Metering IC
logo
Cirrus Logic
CS5484 CIRRUS-CS5484 Datasheet
809Kb / 67P
Four Channel Energy Measurement IC
logo
Silergy Corp.
78M6618 SILERGY-78M6618 Datasheet
593Kb / 32P
Octal Power and Energy Measurement IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com