Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5480 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 12Page - Cirrus Logic CS5480 Datasheet HTML 13Page - Cirrus Logic CS5480 Datasheet HTML 14Page - Cirrus Logic CS5480 Datasheet HTML 15Page - Cirrus Logic CS5480 Datasheet HTML 16Page - Cirrus Logic CS5480 Datasheet HTML 17Page - Cirrus Logic CS5480 Datasheet HTML 18Page - Cirrus Logic CS5480 Datasheet HTML 19Page - Cirrus Logic CS5480 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
CS5480
16
DS980F3
ABSOLUTE MAXIMUM RATINGS
Notes:
16.
VDDA and GNDA must satisfy [(VDDA) – (GNDA)]
 + 4.0V.
17.
Applies to all pins, including continuous overvoltage conditions at the analog input pins.
18.
Transient current of up to 100mA will not cause SCR latch-up.
19.
Applies to all pins, except VREF±
.
20.
Total power dissipation, including all input currents and output currents.
21.
Applies to all pins.
WARNING:
Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
(Note 16)
VDDA
-0.3
-
+4.0
V
Input Current
(Notes 17 and 18)
IIN
--
±10
mA
Input Current for Power Supplies
-
-
-
±50
-
Output Current
(Note 19)
IOUT
--
100
mA
Power Dissipation
(Note 20)
PD
--
500
mW
Input Voltage
(Note 21)
VIN
- 0.3
-
(VDDA) + 0.3
V
Junction-to-Ambient Thermal Impedance
2 Layer Board
4 Layer Board
JA
-
-
55
46
-
-
°C/W
°C/W
Ambient Operating Temperature
TA
-40
-
85
°C
Storage Temperature
Tstg
-65
-
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com