Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS950812 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950812 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS950812 Datasheet HTML 1Page - Integrated Circuit Systems ICS950812 Datasheet HTML 2Page - Integrated Circuit Systems ICS950812 Datasheet HTML 3Page - Integrated Circuit Systems ICS950812 Datasheet HTML 4Page - Integrated Circuit Systems ICS950812 Datasheet HTML 5Page - Integrated Circuit Systems ICS950812 Datasheet HTML 6Page - Integrated Circuit Systems ICS950812 Datasheet HTML 7Page - Integrated Circuit Systems ICS950812 Datasheet HTML 8Page - Integrated Circuit Systems ICS950812 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3
ICS950812
0542G—08/21/03
Pin Configuration (Continued)
PIN # PIN NAME
PIN TYPE
DESCRIPTION
29
SDATA
I/O
Data pin for I2C circuitry 5V tolerant
30
SCLK
IN
Clock pin of I2C circuitry 5V tolerant
31
GND
PWR
Ground pin.
32
VDD3V66
PWR
Power pin for the 3V66 clocks.
33
3V66_0/FS5**
I/O
Frequency select latch input pin / 3.3V 66.66MHz clock output.
34
PCI_STOP#*
IN
Stops all PCICLKs besides the PCICLK_F clocks at logic 0 level, when input
low
35
3V66_1/VCH_CLK/FS4**
I/O
Frequency select latch input pin / 3.3V 66.66MHz clock output / 48MHz
VCH clock output.
36
GND
PWR
Ground pin.
37
VDD48
PWR
Power pin for the 48MHz output.3.3V
38
48MHz_DOT
OUT
48MHz clock output.
39
48MHz_USB/FS3**
I/O
Frequency select latch input pin / 3.3V 48MHz clock output.
40
FS2
IN
Frequency select pin.
41
GND
PWR
Ground pin.
42
IREF
OUT
This pin establishes the reference current for the differential current-mode
output pairs. This pin requires a fixed precision resistor tied to ground in
order to establish the appropriate current. 475 ohms is the standard value.
43
MULTSEL*
IN
3.3V LVTTL input for selection the current multiplier for CPU outputs
44
CPUCLKC2
OUT
Complimentary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
45
CPUCLKT2
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
46
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
47
GND
PWR
Ground pin.
48
CPUCLKC1
OUT
Complimentary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
49
CPUCLKT1
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
50
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
51
CPUCLKC0
OUT
Complimentary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
52
CPUCLKT0
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
53
CPU_STOP#*
IN
Stops all CPUCLK besides the free running clocks
54
FS0
IN
Frequency select pin.
55
FS1
IN
Frequency select pin.
56
REF
OUT
14.318 MHz reference clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com