Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS950812 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950812 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS950812 Datasheet HTML 1Page - Integrated Circuit Systems ICS950812 Datasheet HTML 2Page - Integrated Circuit Systems ICS950812 Datasheet HTML 3Page - Integrated Circuit Systems ICS950812 Datasheet HTML 4Page - Integrated Circuit Systems ICS950812 Datasheet HTML 5Page - Integrated Circuit Systems ICS950812 Datasheet HTML 6Page - Integrated Circuit Systems ICS950812 Datasheet HTML 7Page - Integrated Circuit Systems ICS950812 Datasheet HTML 8Page - Integrated Circuit Systems ICS950812 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
ICS950812
0542G—08/21/03
Maximum Allowed Current
Host Swing Select Functions
MULTSEL
0
1
PCI Select Functions
Note:
* Approximate values
Max 3.3V supply consumption
Max discrete cap loads,
Vdd = 3.465V
All static inputs = Vdd or GND
40mA
280mA
Condition
Powerdown Mode
(PD# = 0)
Active Full
Board Target
Trace/Term Z
Reference R,
Iref = VDD/3*Rr
Rr = 221 1%,
Iref = 5.00mA
Rr = 475 1%,
Iref = 2.32mA
50 ohms
50 ohms
Output
Current
Ioh = 4 * I REF
Ioh = 6 * I REF
1.0V @ 50 ohm
0.7V @ 50 ohm
Voh @ Z
E_PCICLK1 (11)
E_PCICLK3 (13)
E_PCICLK(3,1)
*
E_PCICLK1 = 10Kohm resistor.
0
0
0ns
0
1
0.5ns
1.0ns
1
1
1.5ns
E_PCICLK3 = 10Kohm resistor.
0 = No resistor
1 = 10Kohm pull-up to VDD.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com