Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS950812 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950812 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS950812 Datasheet HTML 2Page - Integrated Circuit Systems ICS950812 Datasheet HTML 3Page - Integrated Circuit Systems ICS950812 Datasheet HTML 4Page - Integrated Circuit Systems ICS950812 Datasheet HTML 5Page - Integrated Circuit Systems ICS950812 Datasheet HTML 6Page - Integrated Circuit Systems ICS950812 Datasheet HTML 7Page - Integrated Circuit Systems ICS950812 Datasheet HTML 8Page - Integrated Circuit Systems ICS950812 Datasheet HTML 9Page - Integrated Circuit Systems ICS950812 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
ICS950812
0542G—08/21/03
Pin #
Name
0
1
PWD
Bit 7
-
Spread Enabled
Spread Spectrum Control
RW
OFF
ON
0
Bit 6
-
CPUCLKT(2:0)
Power down mode output level
0= CPU driven in power down
1= undriven
RW
HIGH
LOW
0
Bit 5
35
3V66_1/VCH_CLK/FS4**
VCH/66.66 Select
RW
66.66
48.00
0
Bit 4
53
CPU_STOP#*
Reflects value of pin
R
Stop
Active
X
Bit 3
34
PCI_STOP#*
Reflects value of pin at power up.
Also can be set.
RW
Stop
Active
X
Bit 2
39
FS3
Frequency Selection
RW
-
-
X
Bit 1
55
FS1
Frequency Selection
R
-
-
X
Bit 0
54
FS0
Frequency Selection
R
-
-
X
Note: For PCI_STOP# function, refer to table 3.
Type
Bit Control
Control Function
Affected Pin
BYTE
0
Pin #
Name
0
1
PWD
Bit 7
43
MULTSEL*
Reflects value of pin
R
-
-
x
Bit 6
-
CPUCLKT(2:0)
CPU_Stop mode output level
0= CPU driven when stopped
1 = undriven
RW
HIGH
LOW
0
Bit 5
45, 44
CPUCLKT2, CPUCLKC2
(see note)
Allow control of output with
assertion of CPU_STOP#.
RW
Not
Freerun
Freerun
0
Bit 4
49, 48
CPUCLKT1, CPUCLKC1
(see note)
Allow control of output with
assertion of CPU_STOP#.
RW
Not
Freerun
Freerun
0
Bit 3
52, 51
CPUCLKT0, CPUCLKC0
(see note)
Allow control of output with
assertion of CPU_STOP#.
RW
Not
Freerun
Freerun
0
Bit 2
45, 44
CPUCLKT2, CPUCLKC2
Output control
RW
Disable
Enable
1
Bit 1
49, 48
CPUCLKT1, CPUCLKC1
Output control
RW
Disable
Enable
1
Bit 0
52, 51
CPUCLKT0, CPUCLKC0
Output control
RW
Disable
Enable
1
Note:
Type
Bit Control
Control Function
Affected Pin
BYTE
1
CPUCLK(2:0) can be turned on/off by CPU_STOP#. Refer to table 4.
Pin #
Name
0
1
PWD
Bit 7
56
REF
1X or 2X Strength control
RW
1X
2X
0
Bit 6
18
PCICLK6
Output control
RW
Disable
Enable
1
Bit 5
17
PCICLK5
Output control
RW
Disable
Enable
1
Bit 4
16
PCICLK4
Output control
RW
Disable
Enable
1
Bit 3
13
**E_PCICLK3/PCICLK3
Output control
RW
Disable
Enable
1
Bit 2
12
PCICLK2
Output control
RW
Disable
Enable
1
Bit 1
11
**E_PCICLK1/PCICLK1
Output control
RW
Disable
Enable
1
Bit 0
10
PCICLK0
Output control
RW
Disable
Enable
1
Note:
BYTE
2
Control Function
Bit Control
PCICLK(6:0) can be turned on/off by PCI_STOP#. Refer to table 3.
Affected Pin
Type
Pin #
Name
0
1
PWD
Bit 7
38
48MHz_DOT
Output control
RW
Disable
Enable
1
Bit 6
39
48MHz_USB/FS3**
Output control
RW
Disable
Enable
1
Bit 5
7
PCICLK_F2 (see note)
Allow control of output with
assertion of PCI_STOP#.
RW
Freerun
Not
Freerun
0
Bit 4
6
PCICLK_F1 (see note)
Allow control of output with
assertion of PCI_STOP#.
RW
Freerun
Not
Freerun
0
Bit 3
5
PCICLK_F0 (see note)
Allow control of output with
assertion of PCI_STOP#.
RW
Freerun
Not
Freerun
0
Bit 2
7
PCICLK_F2
Output control
RW
Disable
Enable
1
Bit 1
6
PCICLK_F1
Output control
RW
Disable
Enable
1
Bit 0
5
PCICLK_F0
Output control
RW
Disable
Enable
1
Note: PCICLK_F(2:0) can be turned on/off by PCI_STOP#. Refer to table 5.
BYTE
3
Control Function
Affected Pin
Bit Control
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com