Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TAS3001CPWR Datasheet(PDF) 35 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 31Page - Texas Instruments TAS3001CPWR Datasheet HTML 32Page - Texas Instruments TAS3001CPWR Datasheet HTML 33Page - Texas Instruments TAS3001CPWR Datasheet HTML 34Page - Texas Instruments TAS3001CPWR Datasheet HTML 35Page - Texas Instruments TAS3001CPWR Datasheet HTML 36Page - Texas Instruments TAS3001CPWR Datasheet HTML 37Page - Texas Instruments TAS3001CPWR Datasheet HTML 38Page - Texas Instruments TAS3001CPWR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
8−3
Figure 8−3. Typical Small Loudspeaker Response
In addition to equalization of the frequency response, the TAS3001 can be used to notch out specific frequencies that
excite mechanical resonances in the speaker. The removal of mechanical resonances improves the temporal
response of the loudspeaker, so that it more accurately reproduces a recorded signal. For small and ported
loudspeakers, a high-pass filter eliminates signal energy that is lower than the speaker can reproduce. This filtering
improves the loudspeaker power handling and intelligibility by eliminating large cone excursions produced by signals
that are below the loudspeaker resonant frequency.
The kinds of corrections being discussed here begin with a thorough understanding of the inherent operation of the
particular loudspeaker. This information can best be obtained by means of a measurement such as that shown in
Figure 8−3. The measurement information allows the equalization designer to find the resonances and other
problems associated with the speaker and to correct them.
8.3
Sound-Based Speaker Correction
While a high-quality speaker measurement can be extremely valuable to the equalization designer, many good
equalization designers also rely upon their own perception of the sound from the speaker. Based upon what they
measure and hear, designers are able to design filters to achieve a specific frequency response and desired sonic
character. Digital filters can be used to provide these corrections and shape the produced sound.
8.4
Loudspeaker Equalization Example
An example of loudspeaker equalization follows. In Figure 8−3, a loudspeaker has the frequency response shown.
In Figure 8−5 the designer specifies the desired response that is the center of the three new lines. The lines above
and below the center line are the + and − tolerances. The tolerances can be adjusted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com