Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TAS3001CPWR Datasheet(PDF) 37 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 33Page - Texas Instruments TAS3001CPWR Datasheet HTML 34Page - Texas Instruments TAS3001CPWR Datasheet HTML 35Page - Texas Instruments TAS3001CPWR Datasheet HTML 36Page - Texas Instruments TAS3001CPWR Datasheet HTML 37Page - Texas Instruments TAS3001CPWR Datasheet HTML 38Page - Texas Instruments TAS3001CPWR Datasheet HTML 39Page - Texas Instruments TAS3001CPWR Datasheet HTML 40Page - Texas Instruments TAS3001CPWR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
8−5
Figure 8−6 shows the filters that were used to equalize the loudspeaker response.
Figure 8−6. Equalization Filters
8.5
Speaker Correction and Equalization
Digital filters are able to provide a fairly broad range of filter types and responses.
The TAS3001 contains six programmable filters. The system designer has the choice of using one to all six of these
filters. The filters can be used to equalize response peaks and dips from a desired response. They can also be used
to shape the loudspeaker phase response. Because of their available precision and temperature insensitivity, not only
can the filters be used to equalize the frequency and phase response of a loudspeaker closely, but they also can be
used to remove resonances or other small deviations in the response of a loudspeaker surgically. This permits the
system designer a greater degree of flexibility in the design of both the individual loudspeaker drivers and the cabinet.
If additional filtering is needed, multiple TAS3001s can be cascaded.
This enables greater freedom in the design of acoustical systems. The TAS3001 permits additional flexibility in
transducer design. Overall flatness of a transducer response is no longer an overriding concern with the
low-cost/high-performance frequency correction of the TAS3001. The constraints on the transducer design can be
relaxed so that they provide optimum performance after correction. This, in turn, allows the transducer and its
equalization to be designed as a system, providing wide flexibility in the design and achieving outstanding sound
presentation.
8.6
The TAS3001 Can Implement Nearly Any Second-Order IIR Filter
Filter designs can tax computational resources, so it is not uncommon to see simplified filter implementations that
must limit either the number of or the nature of the filters that can be implemented. For example, a particular
architecture might impose limits on the gains, Qs, and/or center frequencies that can be implemented. This, however,
is not the case with the TAS3001. Its high-precision, patent-pending structure allows implementation of almost any
second-order IIR filter. These are implemented in an almost limitless range of filter functions without fear of
degradation due to limit cycles or increased system noise.
Additionally, higher order filters can be developed by factoring the desired filter into consecutive multiple
second-order sections. Similarly, any filter that has been designed in analog can be converted and implemented as
a digital filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com