Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TAS3001CPWR Datasheet(PDF) 17 Page - Texas Instruments

Part # TAS3001CPWR
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001CPWR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS3001CPWR Datasheet HTML 13Page - Texas Instruments TAS3001CPWR Datasheet HTML 14Page - Texas Instruments TAS3001CPWR Datasheet HTML 15Page - Texas Instruments TAS3001CPWR Datasheet HTML 16Page - Texas Instruments TAS3001CPWR Datasheet HTML 17Page - Texas Instruments TAS3001CPWR Datasheet HTML 18Page - Texas Instruments TAS3001CPWR Datasheet HTML 19Page - Texas Instruments TAS3001CPWR Datasheet HTML 20Page - Texas Instruments TAS3001CPWR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
2−3
tc(SCLK)
td(SLR)
tr(SCLK)
tf(SCLK)
td(SDOUT)
td(SLR)
tsu(SDIN)
th(SDIN)
SCLK
LRCLK
SDOUT1
SDOUT2
SDOUT0
SDIN1
SDIN2
Figure 2−2. For Right/Left Justified, I2S, Left/Left Justified Serial Protocols
2.1.2
Left-Justified Serial Format
The following are characteristics of this protocol:
LRCLK is the left/right clock. The left channel is transmitted when LRCLK is high. The right channel is
transmitted when LRCLK is low.
The SDIN data is justified to the leading edge of LRCLK.
The MSBs are transmitted at the same time as the LRCLK edge and captured at the very next rising edge
of SCLK.
Serial data is sampled into the device on the rising edge of SCLK.
Serial data is transmitted out of the device on the falling edge of SCLK.
SCLK = 32
× LRCLK (32 × fs SCLK is only supported for 16-bit data) or 64 × LRCLK
In this mode, LRCLK does not have to be a 50% duty-cycle clock. The number of bits used in the interface
sets the minimum duty cycle. There must be enough SCLK pulses to shift all of the data.
MSB
MSB
MSB
MSB
LSB
LSB
Left Channel
Right Channel
SDIN
SCLK
SDOUT
LRCLK = fs
LSB
LSB
Figure 2−3. Left-Justified Serial Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com