Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATPL230A Datasheet(PDF) 55 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 51Page - ATMEL Corporation ATPL230A Datasheet HTML 52Page - ATMEL Corporation ATPL230A Datasheet HTML 53Page - ATMEL Corporation ATPL230A Datasheet HTML 54Page - ATMEL Corporation ATPL230A Datasheet HTML 55Page - ATMEL Corporation ATPL230A Datasheet HTML 56Page - ATMEL Corporation ATPL230A Datasheet HTML 57Page - ATMEL Corporation ATPL230A Datasheet HTML 58Page - ATMEL Corporation ATPL230A Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 122 page
background image
55
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
9.1.4
Analog Front End control
9.1.4.1 Gain control
This block implements an Automatic Gain Control (AGC) which attenuates the PLC input signal via activating some
outputs of the ATPL230A, so there is no saturation and therefore no distortion in the OFDM signal.
There are 6 outputs of the ATPL230A controlled by this peripheral. AGC0, AGC1, AGC2, AGC3, AGC4 and AGC5.
Please see reference design for further information and recommended external circuitry values.
9.1.4.2 TxRx control
This block modifies the configuration of the external Analog Front End by means of TXRX outputs. There are two
TXRX outputs, one for each TXDRV. These digital outputs are used to modify external filter conditions between trans-
mission and reception. To allow different external circuitry topologies, the polarity of both signals can be inverted by
hardware (see “TXRX Polarity Selector Register” ).
Figure 9-4.
TxRx control block diagram
See reference design for further information about TxRx control.
9.1.5
Carrier Detection
Looking for an easy detection of incoming messages, the PRIME specification defines a carrier detection algorithm
that shall be based on preamble detection and header recognition. ATPL230A implements by hardware a set of
detection techniques to control access to medium, thus improving frame synchronization in reception and decreasing
collision ratio in transmission.
9.2
PHY parameters
A complete description of the PRIME PHY Layer can be found in PRIME specification. Please refer to the PRIME
specification provided by the PRIME Alliance in www.prime-alliance.org
PRIME specifies a complete set of primitives to manage the PHY Layer, and the PHY-SAP (PHY Service Access
Point) from MAC layer. Doc43048 “Atmel PRIME Implementation” integrates all these functions, making them trans-
parent to the final user and simplifying the management.
ATPL230A
Analog
Front - End
Control
Gain
Control
Emiter
Control
TxRx Control
AGC [0:5]
EMIT [0:5]
EMIT [6:11]
TXRX0
TXRX1
External
Analog
Front - End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com