Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATPL230A Datasheet(PDF) 24 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 20Page - ATMEL Corporation ATPL230A Datasheet HTML 21Page - ATMEL Corporation ATPL230A Datasheet HTML 22Page - ATMEL Corporation ATPL230A Datasheet HTML 23Page - ATMEL Corporation ATPL230A Datasheet HTML 24Page - ATMEL Corporation ATPL230A Datasheet HTML 25Page - ATMEL Corporation ATPL230A Datasheet HTML 26Page - ATMEL Corporation ATPL230A Datasheet HTML 27Page - ATMEL Corporation ATPL230A Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
24
8.
MAC Coprocessor
ATPL230A accelerators can be used to perform PRIME MAC-specific tasks by hardware, decreasing CPU load from
the external MCU/MPU. For that purpose, Cyclic Redundance Check (CRC) and AES128 encryption blocks are
available in ATPL230A.
Please refer to Atmel doc43048 “Atmel PRIME Implementation” for Atmel software package detailed description and
functionality.
8.1
Cyclic Redundancy Check (CRC)
8.1.1
PRIME v1.3 CRC
There are three types of MAC PDUs (generic, promotion and beacon) for different purposes, and each one has its
own specific CRC. There is a hardware implementation of every CRC type calculated by the MAC layer. This CRC
hardware-calculation is enabled by default. Note that the CRC included at the physical layer is also a hardware
implementation available (enabled by default).
Figure 8-1.
Example: Generic MAC PDU format and generic MAC header detail
In transmission all CRC bytes are real-time calculated and the last bytes of the MAC PDU are overwritten with these
values, (provided that the field HT in the first byte of the MAC header in transmission data is equal to the
corresponding MAC PDU type).
In reception the CRC bytes are also real-time calculated and these bytes are checked with the last bytes of the MAC
PDU. If the CRC is not correct, then an error flag is activated, the complete frame is discarded, and the corresponding
error counter is increased. These counters allow the MAC layer to take decisions according to error ratio.
For the Generic MAC PDU
, there is an 8-bit CRC in the Generic MAC header, which corresponds to PRIME
HDR.HCS. In reception, if this CRC doesn’t check successfully, the current frame is discarded and no interruption is
generated.
This works in the same way as CRC for the PHY layer (CRC Ctrl, located in the PHY header, see PRIME specification
for further information).
There is another CRC for the Generic MAC PDU which is the last field of the GPDU. It is 32 bits long and it is used to
detect transmission errors. The CRC shall cover the concatenation of the SNA with the GPDU except for the CRC
field itself. In reception, if the CRC is not successful then an internal flag is set and the error counter is increased.
For the Promotion Needed PDU
there is an 8-bit CRC, calculated with the first 13 bytes of the header. In reception,
if this CRC is not correct, then an internal flag is set and the corresponding error counter is increased.
For the Beacon PDU
there is a 32-bit CRC calculated with the same algorithm as the one defined for the CRC of the
Generic MAC PDU. This CRC shall be calculated over the complete BPDU except for the CRC field itself. In
reception, if this CRC is not successful, then an internal flag is set and the same error counter used for GPDU is
increased. The hardware used for this CRC is the same as the one used for GPDU.
Generic MAC Header
Packet 1
. . .
Packet n
CRC
Unused
HDR.HT
Reserved
Reserved
HDR.DO
HDR. LEVEL
HDR. HCS
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com