Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATPL230A Datasheet(PDF) 47 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 43Page - ATMEL Corporation ATPL230A Datasheet HTML 44Page - ATMEL Corporation ATPL230A Datasheet HTML 45Page - ATMEL Corporation ATPL230A Datasheet HTML 46Page - ATMEL Corporation ATPL230A Datasheet HTML 47Page - ATMEL Corporation ATPL230A Datasheet HTML 48Page - ATMEL Corporation ATPL230A Datasheet HTML 49Page - ATMEL Corporation ATPL230A Datasheet HTML 50Page - ATMEL Corporation ATPL230A Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 122 page
background image
47
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
8.3.3.2 BER SOFT Maximum Error Registers
Name:
TXRXBUF_BERSOFT_MAX_RX0
Address:
0xFD5B
Access:
Read-only
Reset:
0x00
Used only in PRIME v1.4 mode. After a message is received in BUF_RX0, this register stores the logarithm of the
maximum error of the four replicated symbols, regarding the number of received bits, using Viterbi soft* decision. The
value is cleared by hardware each time a new message is received in BUF_RX0.
Name:
TXRXBUF_BERSOFT_MAX_RX1
Address:
0xFD5C
Access:
Read-only
Reset:
0x00
Used only in PRIME v1.4 mode. After a message is received in BUF_RX1, this register stores the logarithm of the
maximum error of the four replicated symbols, regarding the number of received bits, using Viterbi soft* decision. The
value is cleared by hardware each time a new message is received in BUF_RX1.
Name:
TXRXBUF_BERSOFT_MAX_RX2
Address:
0xFD5D
Access:
Read-only
Reset:
0x00
Used only in PRIME v1.4 mode. After a message is received in BUF_RX2, this register stores the logarithm of the
maximum error of the four replicated symbols, regarding the number of received bits, using Viterbi soft* decision. The
value is cleared by hardware each time a new message is received in BUF_RX2.
Name:
TXRXBUF_BERSOFT_MAX_RX3
Address:
0xFD5E
Access:
Read-only
Reset:
0x00
Used only in PRIME v1.4 mode. After a message is received in BUF_RX3, this register stores the logarithm of the
maximum error of the four replicated symbols, regarding the number of received bits, using Viterbi soft* decision. The
value is cleared by hardware each time a new message is received in BUF_RX3.
76543210
TXRXBUF_BERSOFT_MAX_RX0
76543210
TXRXBUF_BERSOFT_MAX_RX1
76543210
TXRXBUF_BERSOFT_MAX_RX2
76543210
TXRXBUF_BERSOFT_MAX_RX3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com