Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATPL230A Datasheet(PDF) 62 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 58Page - ATMEL Corporation ATPL230A Datasheet HTML 59Page - ATMEL Corporation ATPL230A Datasheet HTML 60Page - ATMEL Corporation ATPL230A Datasheet HTML 61Page - ATMEL Corporation ATPL230A Datasheet HTML 62Page - ATMEL Corporation ATPL230A Datasheet HTML 63Page - ATMEL Corporation ATPL230A Datasheet HTML 64Page - ATMEL Corporation ATPL230A Datasheet HTML 65Page - ATMEL Corporation ATPL230A Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
62
9.3.2.4 RX Configuration Register
Name:
TXRXBUF_RXCONF
Address:
0xFDD5
Access:
Read/Write
Reset:
0x02
This register permits us configure/know several features in reception:
Disable an active reception interrupt.
Knowing what buffer will be the next to be written.
Enable/disable header interruptions.
Activate/deactivate the overwrite mode in buffer reception when a reception is received.
• DIS_RX3: Disable Interrupt Buffer 3
0: Enabled
1: Disabled
• DIS_RX2: Disable Interrupt Buffer 2
0: Enabled
1: Disabled
• DIS_RX1: Disable Interrupt Buffer 1
0: Enabled
1: Disabled
• DIS_RX0: Disable Interrupt Buffer 0
0: Enabled
1: Disabled
• NEXT_BUF: It shows the next buffer which will be written
0: Buffer 0
1: Buffer 1
2: Buffer 2
3: Buffer 3
• EH: Disable header interruptions
0: Disabled
1: Enabled
• MS: Enable overwrite mode
0: Disabled
1: Enabled
76543210
DIS_RX3
DIS_RX2
DIS_RX1
DIS_RX0
NEXT_BUF
EH
MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com