Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATPL230A Datasheet(PDF) 90 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 86Page - ATMEL Corporation ATPL230A Datasheet HTML 87Page - ATMEL Corporation ATPL230A Datasheet HTML 88Page - ATMEL Corporation ATPL230A Datasheet HTML 89Page - ATMEL Corporation ATPL230A Datasheet HTML 90Page - ATMEL Corporation ATPL230A Datasheet HTML 91Page - ATMEL Corporation ATPL230A Datasheet HTML 92Page - ATMEL Corporation ATPL230A Datasheet HTML 93Page - ATMEL Corporation ATPL230A Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
90
Name:
TXRXBUF_TXCONF_TX1
Address:
0xFD3D
Access:
Read/Write
Reset:
0xA0
• TRS1: TxRx established by software in buffer 1.
TxRx established by software for activated/deactivated TXRX
signal before/after each transmission to work properly transistors when this feature has been selected.
0: Disabled
1: Enabled
• ATR1: TxRx control mode in buffer 1.
Establishing software/hardware control of TXRX signal for transmitting.
1: by hardware
0: by software
• FE1: Transmission forced/unforced in buffer 1.
When force transmission is required, if it is possible (Carrier
Detection or Reception are in course and not disable) and suitable buffer is enabled, a transmission is immediately
started.
0: Transmission unforced
1: Transmission forced
• EB1: Buffer 0 enabled/disabled in buffer 1.
Enable buffer that it has been required.
0: Disabled
1: Enabled
• DC1: Carrier Detect enabled/disabled for transmission in buffer 1.
Starting transmission though carrier
detection is in course.
0: Enabled
1: Disabled
• DR1: Reception enabled/disabled for transmission in buffer 1.
Starting transmission though reception is in
course.
0: Enabled
1: Disabled
76543210
-
TRS1
ATR1
-
FE1
EB1
DC1
DR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com