Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR8304 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR8304
Description  Low Power DC-DC Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8304 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR8304 Datasheet HTML 1Page - Leshan Radio Company LR8304 Datasheet HTML 2Page - Leshan Radio Company LR8304 Datasheet HTML 3Page - Leshan Radio Company LR8304 Datasheet HTML 4Page - Leshan Radio Company LR8304 Datasheet HTML 5Page - Leshan Radio Company LR8304 Datasheet HTML 6Page - Leshan Radio Company LR8304 Datasheet HTML 7Page - Leshan Radio Company LR8304 Datasheet HTML 8Page - Leshan Radio Company LR8304 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, TA=25°C)
(1)
PARAMETER
SYMBOL
RATINGS
UNITS
Supply Voltage range
VIN
-0.3~7
V
SW Switch Voltage
32
V
EN, FB, Voltage
-0.3~VIN
V
Power Dissipation
SOT23-5
PD
400
mW
DFN2X2-6
500
mW
SOT23-6
400
mW
Operating Temperature Range
-40~85
Operating Junction Temperature Range
Tj
150
Storage Temperature
Tstg
-65~150
Lead Temperature(Soldering, 10 sec)
Tsolder
260
ESD rating
(5)
Human Body Model -
(HBM)
4000
V
Machine Model- (MM)
250
V
Note:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay attention to ESD protection. Chipower recommends that all
integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not
to meet its published specifications.
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com