Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR8304 Datasheet(PDF) 8 Page - Leshan Radio Company

Part # LR8304
Description  Low Power DC-DC Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8304 Datasheet(HTML) 8 Page - Leshan Radio Company

Back Button LR8304 Datasheet HTML 4Page - Leshan Radio Company LR8304 Datasheet HTML 5Page - Leshan Radio Company LR8304 Datasheet HTML 6Page - Leshan Radio Company LR8304 Datasheet HTML 7Page - Leshan Radio Company LR8304 Datasheet HTML 8Page - Leshan Radio Company LR8304 Datasheet HTML 9Page - Leshan Radio Company LR8304 Datasheet HTML 10Page - Leshan Radio Company LR8304 Datasheet HTML 11Page - Leshan Radio Company LR8304 Datasheet HTML 12Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
APPLICATION INFORMATION
Inductor Selection, Maximum Load Current
Because the PFM peak current control scheme is
inherently stable, the inductor value does not
affect the stability of the regulator. The selection of
the inductor together with the nominal load current,
input and output voltage of the application
determines
the
switching
frequency
of
the
converter. Depending on the application, inductor
values
between
2.2 H
and
47 H
are
recommended. The maximum inductor value is
determined by the maximum on time of the switch,
typically 6 s. The peak current limit of 400mA
(TYP) should be reached within this 6 s period for
proper operation. The inductor value determines
the maximum switching frequency of the converter.
Therefore, select the inductor value that ensures
the maximum switching frequency at the converter
maximum load current is not exceeded. The
maximum switching frequency is calculated by the
following formula:
Where:
IP = Peak current
L = Selected inductor value
VIN(MIN) = The highest switching frequency occurs
at the minimum input voltage
If the selected inductor value does not exceed the
maximum switching frequency of the converter,
the next step is to calculate the switching
frequency at the nominal load current using the
following formula:
Where:
IP = Peak current
L = Selected inductor value
ILOAD = Nominal load current
Vd = Rectifier diode forward voltage (typically
0.3V)
A smaller inductor value gives a higher converter
switching frequency, but lowers the efficiency.
The inductor value has less effect on the
maximum available load current and is only of
secondary order.
The best way to calculate the maximum available
load current under certain operating conditions is
to estimate the expected converter efficiency at
the maximum load current. The maximum load
current can then be estimated as follows:
Where:
IP = Peak current
L = Selected inductor value
fS(MAX)
=
Maximum
switching
frequency
as
calculated previously
=
Expected converter efficiency. Typically 70% to
85%
The maximum load current of the converter is the
current at the operation point where the converter
starts to enter the continuous conduction mode.
Usually the converter should always operate in
discontinuous conduction mode.
Last,
the
selected
inductor
should
have
a
saturation current that meets the maximum peak
current of the converter.
Another important inductor parameter is the DC
resistance. The lower the DC resistance, the
higher the efficiency of the converter. See Table 1
and the typical applications for the inductor
selection.
Table 1. Recommended Inductor for Typical
LCD Bias Supply
INDUCTOR
COMPONENT
COMPONENT
10 H
Sumida
CR32-100
High efficiency
10 H
Sumida
CDRH3D16-100
High efficiency
10 H
Murata
LQH4C100K04
High efficiency
4.7 H
Sumida
CDRH3D16-4R7
Small solution
size
4.7 H
Murata
LQH3C4R7M24
Small solution
size
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com