Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR8304 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR8304
Description  Low Power DC-DC Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8304 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR8304 Datasheet HTML 1Page - Leshan Radio Company LR8304 Datasheet HTML 2Page - Leshan Radio Company LR8304 Datasheet HTML 3Page - Leshan Radio Company LR8304 Datasheet HTML 4Page - Leshan Radio Company LR8304 Datasheet HTML 5Page - Leshan Radio Company LR8304 Datasheet HTML 6Page - Leshan Radio Company LR8304 Datasheet HTML 7Page - Leshan Radio Company LR8304 Datasheet HTML 8Page - Leshan Radio Company LR8304 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
INTRODUCTION:
FEATURES:
The
is a high-frequency boost converter
dedicated for small to medium LCD bias supply
and white LED backlight supplies. The device is
ideal to generate output voltages up to 28V from a
dual cell NiMH/NiCd or a single cell Li-ion battery.
The part can also be used to generate standard
3.3V/5V to 12V power conversions.
The
operates with a switching frequency
up to 1MHz. This allows the use of small external
components using ceramic as well as tantalum
output capacitors. Together with the small
package, the
gives a very small overall
solution size. The
has an internal 400mA
switch current limit, offering low output voltage
ripple and allows the use of a small form factor
inductor for low power applications. The low
quiescent current (20 A TYP) together with an
optimized control scheme, allows device
operation at very high efficiencies over the entire
load current range.
The
is available in DFN2×2-6, SOT23-6
SOT23-5 packages. It operates over an ambient
temperature range of -40
to +85
.
Input Voltage Range: 2.0V to 5.5V
Adjustable Output Voltage Range up to 28V
400mA Internal Switch Current
Up to 1MHz Switching Frequency
20 A Typical No Load Quiescent Current
0.1 A Typical Shutdown Current
Internal Soft-Start Function
-40
to +85
Operating Temperature
Range
Available in Green DFN2×2-6, SOT23-6 and
SOT23-5
Packages
APPLICATIONS
LCD Bias Supply
White-LED Supply for LCD Backlights
Digital Still Camera
PDAs, Organizers, and Handheld PCs
Cellular Phones
Internet Audio Player
Standard 3.3V/5V to 12V Conversion
Low Power DC-DC Step-Up Converter
Series
ORDERING INFORMATION
DESIGNATOR
SYMBOL
DESCRIPTION
A
Standard
E
Package:SOT23-6
FB6
Package:DFN2X2-6
M
Package:SOT23-5
LESHAN RADIO COMPANY, LTD.


Similar Part No. - LR8304

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8301 LRC-LR8301 Datasheet
426Kb / 9P
SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
LR8303 LRC-LR8303 Datasheet
398Kb / 11P
300KHz PFM Control Step-Up DC/DC Converter
More results

Similar Description - LR8304

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
Low-Noise Step-up DC-DC Converter
logo
Aimtron Technology
AT1309 AIMTRON-AT1309 Datasheet
287Kb / 14P
Micro-Power Step up DC-DC Converter
logo
Maxim Integrated Produc...
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
Low-Noise Step-up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com