Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR8304 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LR8304
Description  Low Power DC-DC Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8304 Datasheet(HTML) 7 Page - Leshan Radio Company

Back Button LR8304 Datasheet HTML 3Page - Leshan Radio Company LR8304 Datasheet HTML 4Page - Leshan Radio Company LR8304 Datasheet HTML 5Page - Leshan Radio Company LR8304 Datasheet HTML 6Page - Leshan Radio Company LR8304 Datasheet HTML 7Page - Leshan Radio Company LR8304 Datasheet HTML 8Page - Leshan Radio Company LR8304 Datasheet HTML 9Page - Leshan Radio Company LR8304 Datasheet HTML 10Page - Leshan Radio Company LR8304 Datasheet HTML 11Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DETAILED DESCRIPTION
The
operates with an input voltage range
of 2.0V to 5.5V and can generate output voltages
up
to
28V.
The
device
operates
in
a
Pulse-Frequency Modulation (PFM) scheme with
constant
peak
current
control.
This
control
scheme maintains high efficiency over the entire
load current range, and with a switching frequency
up to 1MHz, the device enables the use of very
small external components.
The converter monitors the output voltage, and as
soon as the feedback voltage falls below the
reference voltage of typically 1.202V, the internal
switch turns on and the current ramps up. The
switch turns off as soon as the inductor current
reaches the internally set peak current of typically
400mA. The second criteria that turns off the
switch is the maximum on time of 6 s (TYP). This
is just to limit the maximum on time of the
converter to cover for extreme conditions. As the
switch is turned off the external Schottky diode is
forward biased delivering the current to the output.
The switch remains off for a minimum of 430ns
(TYP), or until the feedback voltage drops below
the reference voltage again. Using this PFM peak
current control scheme the converter operates in
discontinuous conduction mode (DCM) where the
switching frequency depends on the output
current, which results in very high efficiency over
the entire load current range. This regulation
scheme is inherently stable, allowing a wider
selection range for the inductor and output
capacitor.
Peak Current Control
The internal switch turns on until the inductor current
reaches the typical DC current limit (ILIM) of 400mA.
Due to the internal propagation delay of typically
100ns, the actual current exceeds the DC current
limit threshold by a small amount. The typical peak
current limit can be calculated:
ILIM = 400mA
The higher the input voltage and the lower the
inductor value, the greater the peak current.
Soft-Start
All inductive step-up converters exhibit high inrush
current during start-up if no special precaution is
made. This can cause voltage drops at the input
rail during start up and may result in an unwanted
or early system shutdown.
The CE8304limits this inrush current by increasing
the current limit in two steps starting from ILIM/3 for
256 cycles to ILIM/2 for the next 256 cycles, and
then full current limit.
Enable
Pulling the enable (EN) to ground shuts down the
device reducing the shutdown current to 0.1 A
(TYP). Because there is a conductive path from
the input to the output through the inductor and
Schottky diode, the output voltage is equal to the
input voltage during shutdown. The enable pin
needs to be terminated and should not be left
floating.
Under-Voltage Lockout
An under-voltage lockout prevents misoperation of
the device at input voltages below typically 1.5V.
When the input voltage is below the under-voltage
threshold, the main switch is turned off.
Thermal Shutdown
An internal thermal shutdown is implemented and
turns off the internal MOSFETs when the typical
junction temperature of 155 ° C is exceeded. The
thermal shutdown has a hysteresis of typically 20°C.
This data is based on statistical means and is not
tested during the regular mass production of the IC.
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com