Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MM4XKB Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # MM4XKB
Description  Mechanically Latching Relays Based on the MM Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MM4XKB Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button MM4XKB Datasheet HTML 5Page - Omron Electronics LLC MM4XKB Datasheet HTML 6Page - Omron Electronics LLC MM4XKB Datasheet HTML 7Page - Omron Electronics LLC MM4XKB Datasheet HTML 8Page - Omron Electronics LLC MM4XKB Datasheet HTML 9Page - Omron Electronics LLC MM4XKB Datasheet HTML 10Page - Omron Electronics LLC MM4XKB Datasheet HTML 11Page - Omron Electronics LLC MM4XKB Datasheet HTML 12Page - Omron Electronics LLC MM4XKB Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
MMK
-40
-20
0
20
40
60
80
100
80
60
40
20
0
-40
-20
0
20
40
60
80
100
80
60
40
20
0
-40
-20
0
20
40
60
80
40
30
20
10
0
5.0A
5.0A
2.5A
2.5A
0A
0A
Y
X
Z'
60 min.
Y'
60 min.
Reset
60
60
60 min.
60 min.
-40
-20
0
20
40
60
80
80
60
40
20
0
5.0A
5.0A
2.5A
2.5A
0A
0A
Ambient Temperature vs.
Set and Reset Voltage
MM4KP AC (60 Hz)
Ambient Temperature vs.
Coil Temperature Rise
MM4KP 110 VAC (60 Hz)
Malfunctioning Shock
MM4(X)KP
MM4KP DC
MM4KP DC
Number of Relays: 5
Set voltage
Reset voltage
Ambient temperature (
°C)
Number of Relays: 5
Contact carry current
Set coil
Reset coil
Ambient temperature (
°C)
Unit: m/s2
Number of samples: 3
Measurement conditions: Impose a shock o
50 m/s2 in the
±X, ±Y, and ±Z directions thr
times each with the Relay energized and no
energized to check the shock values that ca
the Relay to malfunction.
Number of Relays: 5
Set voltage
Reset voltage
Ambient temperature (
°C)
Number of Relays: 5
Contact carry current
Set coil
Reset coil
Ambient temperature (
°C)
Shock direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com