Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MM4XKB Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # MM4XKB
Description  Mechanically Latching Relays Based on the MM Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MM4XKB Datasheet(HTML) 2 Page - Omron Electronics LLC

  MM4XKB Datasheet HTML 1Page - Omron Electronics LLC MM4XKB Datasheet HTML 2Page - Omron Electronics LLC MM4XKB Datasheet HTML 3Page - Omron Electronics LLC MM4XKB Datasheet HTML 4Page - Omron Electronics LLC MM4XKB Datasheet HTML 5Page - Omron Electronics LLC MM4XKB Datasheet HTML 6Page - Omron Electronics LLC MM4XKB Datasheet HTML 7Page - Omron Electronics LLC MM4XKB Datasheet HTML 8Page - Omron Electronics LLC MM4XKB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MMK
2
Open Coils (with Screw Terminals)
Cased Coils (Plug-in Terminals)
Model Number Legend
1. Contact Form
2:
DPDT
3:
3PDT
4:
4PDT (open structure type)/
DPDT+DPST-NO (cased type)
2. Type (see note)
None: Standard
X:
DC-switching
3. Terminal Shape
None: Solder
B:
Screw
P:
Plug-in
Note: The suffix “JD” indicates models conforming to auxiliary power
relay specifications.
Type
Contact form
Relay model
Available rated voltage
Standard
DPDT
MM2KB
100/(110), 200/(220) VAC
12, 24, 48, 100/110 VDC
3PDT
MM3KB
100/(110), 200/(220) VAC
12, 48, 100/110 VDC
4PDT
MM4KB
24, 100/(110), 200/(220) VAC
100/110 VDC
DC-switching
DPDT
MM2XKB
100/(110), 200/(220) VAC
12, 24, 48, 100/110, 200/220 VDC
3PDT
MM3XKB
200/(220) VAC
24, 100/110 VDC
4PDT
MM4XKB
24, 48, 100/110, 125, 200/220 VDC
Type
Contact form
Relay model
Available rated voltage
Standard
DP
MM2KP
6, 12, 24, 100/(110), 200/(220) VAC
12, 24, 48, 100/110, 125, 200/220 VDC
3P
MM3KP
24, 100/(110), 200/(220) VAC
6, 12, 24, 48, 100/110, 125, 200/220 VDC
4P
MM4KP
24, 100/(110), 200/(220) VAC
6, 12, 24, 48, 100/110, 125, 200/220 VDC
DC-switching
DP
MM2XKP
24, 100/(110), 200/(220) VAC
12, 24, 48, 100/110, 125, 200/220 VDC
3P
MM3XKP
100/(110), 200/(220) VAC
24, 48, 100/110, 125, 200/220 VDC
4P
MM4XKP
100/(110), 200/(220) VAC
6, 12, 24, 48, 100/110, 125, 200/220 VDC
Conforming to auxiliary power relay
specifications
4P
MM4KP-JD
24, 100/(110), 115, 200/(220) VAC
24, 100/110, 125, 200/220 VDC
Conforming to auxiliary power relay
specifications for DC-switching
4P
MM4XKP-JD
100/(110), 115, 200/(220) VAC
24, 48, 100/110, 125, 200/220 VDC
MM
@@K@
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com