Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MM4XKB Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # MM4XKB
Description  Mechanically Latching Relays Based on the MM Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MM4XKB Datasheet(HTML) 1 Page - Omron Electronics LLC

  MM4XKB Datasheet HTML 1Page - Omron Electronics LLC MM4XKB Datasheet HTML 2Page - Omron Electronics LLC MM4XKB Datasheet HTML 3Page - Omron Electronics LLC MM4XKB Datasheet HTML 4Page - Omron Electronics LLC MM4XKB Datasheet HTML 5Page - Omron Electronics LLC MM4XKB Datasheet HTML 6Page - Omron Electronics LLC MM4XKB Datasheet HTML 7Page - Omron Electronics LLC MM4XKB Datasheet HTML 8Page - Omron Electronics LLC MM4XKB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CSM_MMK_DS_E_6_2
1
Latching Relay
MMK
Mechanically Latching Relays Based on the
MM Power Relay
• Low power consumption due to mechanical latch for economic op-
eration.
• Relays with mixed coil specifications can be produced (e.g., AC set
coil and DC reset coil).
• Operational response fast enough to enable pulse signal power ap-
plications.
• Ambient operating temperature: –10
°C to 55°C.
Ordering Information
Models Conforming to Auxiliary Power Relay Specifications
The MM4KP-JD and MM4XKP-JD satisfy the ratings of auxiliary relays provided in JEC-2500 (1987) standards for power protective relays specified
by the Japan Electromechanical Commission. Furthermore, the MM4KP-JD and MM4XKP-JD satisfy the ratings of multi-contact relays provided
in JEC-174D (1979) standards for power auxiliary relays.
These models work at operation level A specified by JEC-174D (1979) standards and the hot start of the relays is possible after the coils radiate
heat.
In accordance with JEC-2500 (1987) standards, the coil of each model withstands a 130% DC load or 115% AC load.
■ Available Models
Open Coils (with Solder Terminals)
Type
Contact form
Open structure
Cased
Solder terminals
Screw terminals
Plug-in (octal pins)
terminals
Standard
DPDT
MM2K
MM2KB
MM2KP
3PDT
MM3K
MM3KB
MM3KP
4PDT
MM4K
MM4KB
---
DPDT+DPST-NO
---
---
MM4KP
DC-switching
DPDT
MM2XK
MM2XKB
MM2XKP
3PDT
MM3XK
MM3XKB
MM3XKP
4PDT
MM4XK
MM4XKB
---
DPDT+DPST-NO
---
---
MM4XKP
Conforming to auxiliary power
relay specifications
DPDT+DPST-NO
---
---
MM4KP-JD
MM4XKP-JD
Refer to Safety Precautions for All Relays.
Rated coil voltage
Note: When ordering, add the rated coil voltage to the model number. Rated coil voltages are given in the coil ratings table.
Example: MM2K, 6 VAC
When your order, specify the rated voltage.
Type
Contact form
Relay model
Available rated voltage
Standard
DPDT
MM2K
100/(110), 200/(220) VAC
12, 24, 48, 100/110, 200/220 VDC
3PDT
MM3K
100/(110), 200/(220) VAC
48, 100/110 VDC
4PDT
MM4K
200/(220) VAC
12, 24, 48, 100/110, 200/220 VDC
DC-switching
DPDT
MM2XK
24, 100/110 VDC
3PDT
MM3XK
200/(220) VAC
100/110 VDC
4PDT
MM4XK
100/(110) VAC
100/110 VDC


Similar Part No. - MM4XKB

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
MM4XMS SPECTRUM-MM4XMS Datasheet
233Kb / 1P
Triple Balanced Mixer
MM4XMS-10 SPECTRUM-MM4XMS-10 Datasheet
197Kb / 1P
Double Balanced Mixer
MM4XMS-15 SPECTRUM-MM4XMS-15 Datasheet
233Kb / 1P
Triple Balanced Mixer
MM4XMS-17 SPECTRUM-MM4XMS-17 Datasheet
197Kb / 1P
Double Balanced Mixer
MM4XSMX-10 SPECTRUM-MM4XSMX-10 Datasheet
264Kb / 1P
Double Balanced Mixer
More results

Similar Description - MM4XKB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
HIGH POWER LATCHING RELAY
logo
Nais(Matsushita Electri...
ADQ13Q04H NAIS-ADQ13Q04H Datasheet
70Kb / 3P
30A POWER LATCHING RELAY
logo
Hongfa Technology
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
HIGH POWER LATCHING RELAY
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com