Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MM4XKB Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # MM4XKB
Description  Mechanically Latching Relays Based on the MM Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MM4XKB Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button MM4XKB Datasheet HTML 6Page - Omron Electronics LLC MM4XKB Datasheet HTML 7Page - Omron Electronics LLC MM4XKB Datasheet HTML 8Page - Omron Electronics LLC MM4XKB Datasheet HTML 9Page - Omron Electronics LLC MM4XKB Datasheet HTML 10Page - Omron Electronics LLC MM4XKB Datasheet HTML 11Page - Omron Electronics LLC MM4XKB Datasheet HTML 12Page - Omron Electronics LLC MM4XKB Datasheet HTML 13Page - Omron Electronics LLC MM4XKB Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
MMK
Safety Precautions
Refer to Safety Precautions for All Relays.
■ Mounting
Make sure that the Relay is free from iron powder or iron core,
otherwise the iron dust may adhere to the Relay. As a result the
movable contact may not operate properly.
An arc may be generated between the contacts in switching
operation. Be sure to keep combustible objects away from the Relay.
If the arc will have a bad effect around the Relay, the use of a model
with a casing is recommended.
A model switching DC load incorporates an insulation base with a
small built-in permanent magnet. Be sure to keep magnets or ferrous
objects away from the permanent magnet, otherwise the capacity of
the maximum switching current may drop.
The PL Back-connecting Socket must be flush-mounted from the
surface of the panel.
To minimize the influence of heat, separate Relays from each other
by at least 20 mm for cooling when mounting multiple Relays
together.
Be sure to mount the Relay so that the movable contact is in the
downward direction.
■ Connection
• When connecting a load to the contact terminals of a model for
switching DC loads (“X” models), consider the polarity of the con-
tact terminals so that the generated arcs on the adjacent poles will
not collide. (For example, if the common connections of the Relay
are all positive or all negative, no arc collision will occur.)
• Use proper crimp terminals or 1.2- to 2-mm-dia. single-conductor
wire to connect screw terminals.
Screw Terminal Model
Do not bend the coil terminals, otherwise the coil wire may be dis-
connected. Make sure that the tightening torque applied to each ter-
minal is 1.27 N • m and the insertion force is 49 N for 10 s.
Solder Terminal Model
Make sure that Relay terminals are free of flux or other foreign sub-
stance before soldering the Relay terminals. Finish soldering the
Relay terminals quickly, otherwise the coil wire may be broken.
■ Circuits
• You cannot use single contact to demagnetize the set coil as shown
below.
• NC contacts can remain open for a few milliseconds when the reset
coil turns ON and OFF. NO contact can remain open for a few milli-
seconds when the set coil turns ON and OFF while the Relay is
latched. Design your circuits to allow for this.
• Do not allow voltage to be applied simultaneously to both the set
and reset coil. If voltage is applied simultaneously, the Relay will be
set.
• There is no reason to apply voltage to Latching Relays continu-
ously because they will latch properly with a single pulse of suffi-
cient width. Continuously applying voltage will only waste power.
• A model for DC loads incorporates a permanent magnetic for arc
suppression. Keep floppy disks away from the Relay, otherwise the
data on the floppy disk may be damaged.
• Arcing when switching DC power can cause nitric gas to be
generated. The case of the MM
@XKP contains holes to allow the
gas to escape. This, however, makes it possible for dust and dirt to
enter the case. Be sure to use the MM
@XKP in a suitable
environment.
■ Switching an AC Load with a
DC-switching Model (“X” Model)
DC-switching Relays (“X” models) use a magnet to extinguish arcs.
The polarity must be correct when you connect the switching section.
However, if you connect an AC load, the positive and negative poles
of the power supply alternate. This can cause short-circuits due to
the collision of arcs that occur when the Relay turns OFF.
Therefore, the switching capacity for an AC load is specified as 20 VA
or less to prevent short circuits caused by arc collisions.
Take sufficient caution if you switch an AC Load with a DC-switching
model (“X” models).
■ Refer to the technical guide on
your OMRON website for
technical descriptions and
FAQs on the product.
20 mm
min.
MMK
MMK
Normal mounting direction
Top
Bottom
Latching Relay coil
NC contact of the Relay
Load
MMK contact
(NC)
The contact
may fail to
hold itself.
Relay coil
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com