Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MM4XKB Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # MM4XKB
Description  Mechanically Latching Relays Based on the MM Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MM4XKB Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button MM4XKB Datasheet HTML 6Page - Omron Electronics LLC MM4XKB Datasheet HTML 7Page - Omron Electronics LLC MM4XKB Datasheet HTML 8Page - Omron Electronics LLC MM4XKB Datasheet HTML 9Page - Omron Electronics LLC MM4XKB Datasheet HTML 10Page - Omron Electronics LLC MM4XKB Datasheet HTML 11Page - Omron Electronics LLC MM4XKB Datasheet HTML 12Page - Omron Electronics LLC MM4XKB Datasheet HTML 13Page - Omron Electronics LLC MM4XKB Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MMK
10
Dimensions
Note: All units are in millimeters unless otherwise indicated.
■ Open Relays with Solder Terminals
■ Open Relays with Screw Terminals
86 max.
44 max.
28
±0.2
50 max.
94 max.
29
±0.2
34
±0.2
MM2(X)K,
MM3(X)K,
MM4(X)K
MM2(X)K
MM3(X)K
94 max.
63 max.
MM4(X)K
MM2K
15 max.
Two, M4
mounting holes
58.5 max.
Side View
2P
1P
3P
1P
2P
4P
2P
3P
1P
Common C
Stationary A
Stationary B
Set coil
Reset coil
Note: Connect the common (C) of MM
@XK to positive (+).
22
±0.2
22
±0.2
MM2(X)KB,
MM3(X)KB,
MM4(X)KB
MM2KB
92 max.
Ten, M3.5 x
5.5 terminal
screws
60 max.
MM2(X)KB
Thirteen,
M3.5 x 5.5
terminal
screws
101 max.
28
±0.2
MM3(X)KB
Sixteen,
M3.5 x 5.5
terminal
screws
68 max.
34
±0.2
101 max.
MM4(X)KB
15 max.
Two, M4
mounting holes
58.5 max.
29
±0.2
Side View
60 max.
2P
1P
2P
1P
3P
2P 1P
3P
4P
Common C
Station-ary A
Station-ary B
Set coil
Reset coil
Note: Connect the common (C) of MM
@XKB to positive (+).
Mounting Holes (Direct Mounting)
Note: The tolerance is
±0.2.
Two, 4.5-dia. mounting holes
29
±0.2
Dimensions of :
l
2-pole: 22
±0.2 mm
3-pole: 28
±0.2 mm
4-pole: 34
±0.2 mm
l
Mounting Bracket (S Bracket)
R99-03 (S KANAGU) FOR MM
@
The S Bracket can be
used to mount a Relay
with open solder or screw
terminals.
W
H
L
D
60
±0.2
50
29
±0.2
Item
R99-03
(S KANAGU)
FOR MM2K.611K
(DPDT)
R99-03
(S KANAGU)
FOR MM3K.612K
(3PDT)
R99-03
(S KANAGU)
FOR MM4K.613K
(4PDT)
l
22
±0.2
28
±0.2
34
±0.2
D
71 max.
71 max.
71 max.
W
33 max.
39 max.
45 max.
H
6 max.
6 max.
6 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com