Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS952302 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS952302
Description  Frequency Generator for TransmetaTM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952302 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS952302 Datasheet HTML 1Page - Integrated Circuit Systems ICS952302 Datasheet HTML 2Page - Integrated Circuit Systems ICS952302 Datasheet HTML 3Page - Integrated Circuit Systems ICS952302 Datasheet HTML 4Page - Integrated Circuit Systems ICS952302 Datasheet HTML 5Page - Integrated Circuit Systems ICS952302 Datasheet HTML 6Page - Integrated Circuit Systems ICS952302 Datasheet HTML 7Page - Integrated Circuit Systems ICS952302 Datasheet HTML 8Page - Integrated Circuit Systems ICS952302 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
ICS952302
0957B—10/05/04
Pin Descriptions
PIN #
PIN NAME
PIN
TYPE
DESCRIPTION
1
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
2
REF0
OUT
14.318 MHz reference clock.
3
GNDREF
PWR
Ground pin for the REF outputs.
4X1
IN
Crystal input, Nominally 14.318MHz.
5
X2
OUT
Crystal output, Nominally 14.318MHz
6
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
7
PCICLK_F0
OUT
Free running PCI clock not affected by PCI_STOP# .
8
PCICLK_F1
OUT
Free running PCI clock not affected by PCI_STOP# .
9
GNDPCI
PWR
Ground pin for the PCI outputs
10
PCICLK0
OUT
PCI clock output.
11
PCICLK1
OUT
PCI clock output.
12
PCICLK_F2
OUT
Free running PCI clock not affected by PCI_STOP# .
13
PCICLK_F3
OUT
Free running PCI clock not affected by PCI_STOP# .
14
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
15
PCICLK2
OUT
PCI clock output.
16
GNDPCI
PWR
Ground pin for the PCI outputs
17
N/C
N/C
No Connection.
18
N/C
N/C
No Connection.
19
VDDCOR
PWR
3.3V power for the PLL core.
20
PCI_STOP#
IN
Stops all PCICLKs at logic 0 level, when low. Free running PCICLKs are not effected by this input.
21
**PD#
IN
Asynchronous active low input pin, with 120Kohm internal pull-up resistor, used to power down the device. The
internal clocks are disabled and the VCO and the crystal are stopped.
22
GND48
PWR
Ground pin for the 48MHz outputs
23
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
24
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
25
48MHZ_0
OUT
48MHz clock output.
26
48MHZ_1
OUT
48MHz clock output.
27
VDD48
PWR
Power pin for the 48MHz output.3.3V
28
GND48
PWR
Ground pin for the 48MHz outputs
29
N/C
N/C
No Connection.
30
N/C
N/C
No Connection.
31
N/C
N/C
No Connection.
32
27MHZ
OUT
27.0000MHz Video Clock for ATi Chipset
33
GND
PWR
Ground pin.
34
VDD27
PWR
Power pin for the 27MHz output.3.3V
35
N/C
N/C
No Connection.
36
VDD
PWR
Power supply, nominal 3.3V
37
N/C
N/C
No Connection.
38
OE*
IN
Active high input for enabling Memory Channel outputs.
0 = tri-state outputs, 1= enable outputs
39
N/C
N/C
No Connection.
40
GND
PWR
Ground pin.
41
CPU_STOP#
IN
Stops all CPUCLK, except those set to be free running clocks
42
CPUCLK_F
OUT
Free running CPU clock. Not affected by the CPU_STOP#.
43
CPUCLK1
OUT
CPU clock outputs. 3.3V
44
GNDCPU
PWR
Ground pin for the CPU outputs
45
CPUCLK0
OUT
CPU clock outputs. 3.3V
46
N/C
N/C
No Connection.
47
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
48
REF1
OUT
14.318 MHz reference clock.
* Internal Pull-Up Resistor
** No diode clamp to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com