Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS952302 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS952302
Description  Frequency Generator for TransmetaTM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952302 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS952302 Datasheet HTML 1Page - Integrated Circuit Systems ICS952302 Datasheet HTML 2Page - Integrated Circuit Systems ICS952302 Datasheet HTML 3Page - Integrated Circuit Systems ICS952302 Datasheet HTML 4Page - Integrated Circuit Systems ICS952302 Datasheet HTML 5Page - Integrated Circuit Systems ICS952302 Datasheet HTML 6Page - Integrated Circuit Systems ICS952302 Datasheet HTML 7Page - Integrated Circuit Systems ICS952302 Datasheet HTML 8Page - Integrated Circuit Systems ICS952302 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
ICS952302
0957B—10/05/04
Spread spectrum may be enabled through SMBus programming. Spread spectrum typically reduces system EMI by
8dB to 10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The
ICS952302 employs a proprietary closed loop design, which tightly controls the percentage of spreading over process
and temperature variations.
General Description
Block Diagram
(1:0)
(1:0)
27MHz
(1:0)
(2:0)
(3:0)
1
1
PD#
OE
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com