Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS952302 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS952302
Description  Frequency Generator for TransmetaTM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952302 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS952302 Datasheet HTML 3Page - Integrated Circuit Systems ICS952302 Datasheet HTML 4Page - Integrated Circuit Systems ICS952302 Datasheet HTML 5Page - Integrated Circuit Systems ICS952302 Datasheet HTML 6Page - Integrated Circuit Systems ICS952302 Datasheet HTML 7Page - Integrated Circuit Systems ICS952302 Datasheet HTML 8Page - Integrated Circuit Systems ICS952302 Datasheet HTML 9Page - Integrated Circuit Systems ICS952302 Datasheet HTML 10Page - Integrated Circuit Systems ICS952302 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
ICS952302
0957B—10/05/04
Electrical Characteristics - CPU
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH2B
IOH = -20 mA
2.4
2.9
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.25
0.4
V
VOUT = 1 V
-67
-29
VOUT = 3.135V
-23
-8
VOUT = 1.95 V
27
56
VOUT =0.4V
23
30
Rise Time
1
tr2B
VOL = 0.4 V, VOH = 2.4 V
11.4
2
ns
Fall Time
1
tf2B
VOH = 2.4 V, VOL = 0.4 V
11.4
2
ns
Duty Cycle
1
dt2B
VT = 1.5 V
45
51.5
55
%
Skew
1
tsk2B
VT = 1.5 V
60
175
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
VT = 1.5 V
175
250
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH2B
mA
Output Low Current
IOL2B
mA
Electrical Characteristics - PCICLK, PCICLK_F
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH2B
IOH = -20 mA
2.4
2.9
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.25
0.4
V
VOUT = 1 V
-67
-29
VOUT = 3.135V
-23
-8
VOUT = 1.95 V
27
56
VOUT =0.4V
23
30
Rise Time
1
tr2B
VOL = 0.4 V, VOH = 2.4 V
11.3
2
ns
Fall Time
1
tf2B
VOH = 2.4 V, VOL = 0.4 V
11.2
2
ns
Duty Cycle
1
dt2B
VT = 1.5 V
45
50.5
55
%
Skew
1
tsk2B
VT = 1.5 V
68
250
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
VT = 1.5 V
100
250
ps
1Guaranteed by design, not 100% tested in production.
Output Low Current
IOL2B
mA
Output High Current
IOH2B
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com