Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS952302 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS952302
Description  Frequency Generator for TransmetaTM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952302 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS952302 Datasheet HTML 1Page - Integrated Circuit Systems ICS952302 Datasheet HTML 2Page - Integrated Circuit Systems ICS952302 Datasheet HTML 3Page - Integrated Circuit Systems ICS952302 Datasheet HTML 4Page - Integrated Circuit Systems ICS952302 Datasheet HTML 5Page - Integrated Circuit Systems ICS952302 Datasheet HTML 6Page - Integrated Circuit Systems ICS952302 Datasheet HTML 7Page - Integrated Circuit Systems ICS952302 Datasheet HTML 8Page - Integrated Circuit Systems ICS952302 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
ICS952302
0957B—10/05/04
Control
Function
Bit 7
CPUCLK_F
Output Enable
RW
Disable
Enable
1
Bit 6
CPUCLK0
Output Enable
RW
Disable
Enable
1
Bit 5
CPUCLK1
Output Enable
RW
Disable
Enable
1
Bit 4
27MHZ
Output Enable
RW
Disable
Enable
1
Bit 3
48MHZ_0
Output Enable
RW
Disable
Enable
1
Bit 2
48MHZ_1
Output Enable
RW
Disable
Enable
1
Bit 1
REF0
Output Enable
RW
Disable
Enable
1
Bit 0
REF1
Output Enable
RW
Disable
Enable
1
Control
Function
Bit 7
PCICLK_F0
Test Mode
RW
Disable
Enable
1
Bit 6
PCICLK_F1
Output Enable
RW
Disable
Enable
1
Bit 5
PCICLK_F2
Output Enable
RW
Disable
Enable
1
Bit 4
PCICLK_F3
Output Enable
RW
Disable
Enable
1
Bit 3
PCICLK0
Spread Control
RW
Disable
Enable
1
Bit 2
PCICLK1
Output Enable
RW
Disable
Enable
1
Bit 1
PCICLK2
Output Enable
RW
Disable
Enable
1
Bit 0
Spread Spectrum
Mode
Spread Control for PLL1
RW
OFF
ON
0
Control
Function
Bit 7
CPUCLK_F
RW
Free Running
Stoppable
0
Bit 6
CPUCLK0
RW
Free Running
Stoppable
1
Bit 5
CPUCLK1
RW
Free Running
Stoppable
1
Bit 4
Reserved
Reserved
RW
-
-
x
Bit 3
Reserved
Reserved
RW
-
-
x
Bit 2
CPU_STOP
Stop all CPU clocks
RW
Enable
Disable
1
Bit 1
Reserved
Reserved
RW
-
-
x
Bit 0
CPU_STOP#
PCI_STOP#
H/w or S/w Select
RW
H/W
I2C
1
Control
Function
Bit 7
PCICLK_F0
RW
Free Running
Stoppable
0
Bit 6
PCICLK_F1
RW
Free Running
Stoppable
0
Bit 5
PCICLK_F2
RW
Free Running
Stoppable
0
Bit 4
PCICLK_F3
RW
Free Running
Stoppable
0
Bit 3
PCICLK0
RW
Free Running
Stoppable
1
Bit 2
PCICLK1
RW
Free Running
Stoppable
1
Bit 1
PCICLK2
RW
Free Running
Stoppable
1
Bit 0
PCI_STOP
Stop all PCI clocks
RW
Enable
Disable
1
7
8
11
12
15
-
13
10
PWD
01
Byte 1
Pin #
Name
Type
2
48
43
32
25
26
PWD
45
Byte 0
Pin #
Name
Type
42
01
Note: Byte2bit2=0 (Enable) to stop all CPUCLK's ONLY when Byte2 bit(5:7) at STOPPABLE MODE
Pin #
Name
Type
11
Allow assertion of
PCI_STOP# or setting of
PCI_STOP control bit in
SMBus register to stop PCI
clocks
45
Allow assertion of
CPU_STOP# or setting of
CPU_STOP control bit in
SMBus register to stop
CPU clocks
20, 41
7
15
-
13
43
(note)
-
-
-
12
8
Byte 3
10
SMBus Table: Output Control Register
1
0PWD
SMBus Table: Output Control Register
SMBus Table: Output Control Register
SMBus Table: Output Control Register
0
Byte 2
Pin #
Name
Type
PWD
1
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com