Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV0974 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 50Page - STMicroelectronics STV0974 Datasheet HTML 51Page - STMicroelectronics STV0974 Datasheet HTML 52Page - STMicroelectronics STV0974 Datasheet HTML 53Page - STMicroelectronics STV0974 Datasheet HTML 54Page - STMicroelectronics STV0974 Datasheet HTML 55Page - STMicroelectronics STV0974 Datasheet HTML 56Page - STMicroelectronics STV0974 Datasheet HTML 57Page - STMicroelectronics STV0974 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 69 page
background image
54/61
STV0974
Electrical characteristics
5.4
DC electrical characteristics
Over operating conditions unless otherwise specified.
Symbol
Parameter
Test conditions
Min.
Max
Unit
VIL
Input low voltage
-0.3
0.3 VDD
V
VIH
Input high voltage
0.7 VDD
VDD + 0.3
V
VOL
Output low voltage
IOL < 2 mA
0.2 VDD
V
VOH
Output high voltage
-IOH < 2 mA
0.8 VDD
V
IIL
Input leakage current
Input pins
I/O pins
VSS < VIN < VDD
± 10
± 1
µA
µA
CIN
Input capacitance
SCL, MSCL
TA = 25 °C, freq. = 1 MHz
6
pF
CI/O
Input / Output capacitance
SDA, MSDA
TA = 25 °C, freq. = 1 MHz
8
pF
Table 37: Power supply specificationsa
a. Same power consumption for Viewfinder, live and capture modes if same output image size and
output data format.
Symbol
Parameter
Test Conditions
Typ.
Max
Unit
IDDPD
VDD supply current in
power-down mode
VDD = max ; PDN < VIL
5
20
µA
IDDIDLE
VDD supply current in idle mode
VDD = max ; mode = idle.
15
25
mA
IDDACTIVE_
JPEG
VDD supply current in active live
mode
VDD = max ; mode = live or
ViewFinder or capture
JPEG at VGA 30 frame/s.
65
75
mA
IDDACTIVE
NON_JPEG
VDD supply current in active live
mode
VDD = max ; mode = live or
ViewFinder or capture
YUV at VGA 30 frame/s.
55
75
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com