Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV0974 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 45Page - STMicroelectronics STV0974 Datasheet HTML 46Page - STMicroelectronics STV0974 Datasheet HTML 47Page - STMicroelectronics STV0974 Datasheet HTML 48Page - STMicroelectronics STV0974 Datasheet HTML 49Page - STMicroelectronics STV0974 Datasheet HTML 50Page - STMicroelectronics STV0974 Datasheet HTML 51Page - STMicroelectronics STV0974 Datasheet HTML 52Page - STMicroelectronics STV0974 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
Functional description
STV0974
49/61
4.9.3.2 Low-level interface
Scaler low-level control
These registers are active only if either “
Still and Live Output Image Size” or “Viewfinder Image
Size” registers are set to “custom” size.
Table 34: Scaler low-level control
Name
Index
R/W
State
code
Data
type
Format
default
Description
Source centre X-
position MSB
0x8060
R/W
A
I
RRRR.RRDD
0000.0001
X-coordinates of the centre of the
source image window.
Default is 322
Source centre X-
position LSB
0x8061
R/W
A
I
DDDD.DDDD
0100.0010
Source centre Y-
position MSB
0x8062
R
A
I
RRRR.RRDD
0000.0000
Y-coordinates of centre of the
source image window.
Default is 242
Source centre Y-
position LSB
0x8063
R
A
I
DDDD.DDDD
1111.0000
Viewfinder Dest.
Image Width MSB
0x8064
R/W
A
I
RRRR.RRDD
0000.0000
Width of the destination image
(after scaling) in viewfinder mode.
The value must be a multiple of 8
pixels.
Viewfinder Dest.
Image Width LSB
0x8065
R/W
A
I
DDDD.DRRR
1010.0000
Viewfinder Dest.
image height MSB
0x8066
R/W
A
I
RRRR.RRDD
0000.0000
Height of the destination image
(after scaling) in viewfinder mode.
This value must be a multiple of 8
pixels.
Viewfinder Dest.
image height LSB
0x8067
R/W
A
I
DDDD.DRRR
0111.1000
Viewfinder Scaling
factor
0x8068
R/W
A
I
RRRR.RDDD
0000.0100
Scaling factor in viewfinder mode:
[0]: Reserved
[1]: x1
[2]: x2
[3]: x3
[4]: x4 (default)
[5]: x5
[6]: x6
[7]: x1.5
[8]: x2.5
Still/Live Dest.
Image Width MSB
0x8069
R/W
A
I
RRRR.RRDD
0000.0010
Width of the destination image
(after scaling) in still / live mode.
This value must be a multiple of:
- 2 pixels in YUV output format
- 16 pixels in JPEG output format
Registers only used for Capture
when in idle mode
Still/Live Dest.
Image Width LSB
0x806A
R/W
A
I
DDDD.D000
1000.0000
Still/Live Dest.
image height MSB
0x806B
R/W
A
I
RRRR.RRDD
0000.0001
Height of the destination image
(after scaling) in still / live mode.
This value must be a multiple of 8
pixels.
Registers only used for Capture
when in idle mode
Still/Live Dest.
image height LSB
0x806C
R/W
A
I
DDDD.D000
1110.0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com