Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV0974 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 22Page - STMicroelectronics STV0974 Datasheet HTML 23Page - STMicroelectronics STV0974 Datasheet HTML 24Page - STMicroelectronics STV0974 Datasheet HTML 25Page - STMicroelectronics STV0974 Datasheet HTML 26Page - STMicroelectronics STV0974 Datasheet HTML 27Page - STMicroelectronics STV0974 Datasheet HTML 28Page - STMicroelectronics STV0974 Datasheet HTML 29Page - STMicroelectronics STV0974 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
26/61
STV0974
Functional description
FIFO Count Register (FCNT)
FCNT is a read-only 16-bit register, returning the current number of bytes available in the FIFO.
4.5.5
Image transfer operation
Interrupt controlled transfer
The STV0974 generates interrupts by asserting the IRQ signal. The host interrupt handler performs
the following operations:
1 Read the status register SR to determine if the STV0974 is the interrupting device (IRQ bit) and
detect the active interrupt sources.
2 Acknowledge pending interrupts by writing ICLR.
3 Service the interrupt source(s), i.e. for example:
MCI: read micro-core status and error registers (camera control channel).
SOF: trigger frame synchronous task.
FF: empty the FIFO by reading 16-byte blocks (camera image data channel).
RDY: read DR for a pending read, write next AR (low-level byte transfer).
4 Interrupts can be disabled through IMASK.
DMA controlled transfer
The STV0974 supports DMA operation for image data transfer: the DRQ output signal is used to
trigger a DMA burst read transfer from peripheral to memory. A full image transfer under DMA
executes as follows:
1 The STV0974 is initialized: DMA burst size, FIFO is cleared.
2 DRQ is asserted when the image FIFO threshold is reached or exceeded.
3 The DMA controller starts performing the burst read transfer consisting of 8, 16 or 32 byte reads.
Table 20: FIFO Count Register
Bits
Name
Type
Description
[15:0]
FCNT
RO
Number of bytes available in the image data FIFO.
Figure 12: Full image transfer under DMA
1
1
12n
n
IRQ
FIFO
Read
DRQ
(POL = 0)
FIFO level
threshold
Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com