Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV0974 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 41Page - STMicroelectronics STV0974 Datasheet HTML 42Page - STMicroelectronics STV0974 Datasheet HTML 43Page - STMicroelectronics STV0974 Datasheet HTML 44Page - STMicroelectronics STV0974 Datasheet HTML 45Page - STMicroelectronics STV0974 Datasheet HTML 46Page - STMicroelectronics STV0974 Datasheet HTML 47Page - STMicroelectronics STV0974 Datasheet HTML 48Page - STMicroelectronics STV0974 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
Functional description
STV0974
45/61
Register group 2
Table 29: Image control [register group 2]
Name
Index
R/W
State
code
Data
type
Format
default
Description
Antivignetting
Correction
0xA200
R/W
A
I
RRRR.DDDD
0000.0110
Correction in tens of percentage
0: 0%
10: 100%,
>10: Frozen
DEFCOR control
0xA201
R/W
A
M
DXXX.XXXX
XDXX.XXXX
XXDX.XXXX
XXXD.DXXX
XXXX.XDDD
1010.0111
Bit[7]: Defect correction matrix
(default is square matrix)
Bit(6]: Defect correction enable
(correction of bad pixels)
Bit[5]: Defect scythe enable
(Smooth filtering of good pixels)
Bit[4:3]: Defect scythe rank
(default is 0, maximum value
means narrow filter)
Bit[2:0]: Defect scythe weight
(default is 7, maximum value
means minimum weight applied)
NORA control
0xA202
R/W
A
I
RRRR.RDDD
0001.0010
Nora control register.
[0]: Nora disabled
[7]: Nora max strength
Default is 2
Mirror
0xA203
R/W
S I
B
RRRR.RRXD
RRRR.RRDX
0000.0000
Horizontal mirror
Vertical mirror
Sharpness Gain
0xA204
R/W
A
I
00DD.DDDD
0000.1100
Sharpness gain
Sharpness
Enable
0xA205
R/W
A
B
RRRR.RRRD
1111.1101
Sharpness enable
Bit[7:2]: low peak
Bit[1:0]: reserved
JPEG Control
0xA206
R/W
A
I
RDDD.DDDD
0011.1110
Bit [7]: JPEG control
0: Automatic file size computation
1: Manual squeeze control
Bit [6:0]: Control settings
if bit[7] = 0: Requested size of final
JPEG file (in Kbyte)
if bit [7] = 1: Manual squeeze
control with quantization table
scaled by bit [6:0]/8.
Applicable range of values for bit
[6:0] is [2; 67]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com