Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV0974 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 28Page - STMicroelectronics STV0974 Datasheet HTML 29Page - STMicroelectronics STV0974 Datasheet HTML 30Page - STMicroelectronics STV0974 Datasheet HTML 31Page - STMicroelectronics STV0974 Datasheet HTML 32Page - STMicroelectronics STV0974 Datasheet HTML 33Page - STMicroelectronics STV0974 Datasheet HTML 34Page - STMicroelectronics STV0974 Datasheet HTML 35Page - STMicroelectronics STV0974 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
32/61
STV0974
Functional description
Timing constraints:
Note:
To be compatible with external power-on/internal power-down modes (ex: external VDD on and
PDN low), all input pads from baseband side as well as SCL and SDA pads on both sensor and
baseband sides are “fail-safe”.
The “timing constraints” mentioned above correspond to the minimum delay needed between
signals, in order to follow a correct power up sequence and insure an adequate initialization phase.
Referring to the application schematics (
Section 8), STMicroelectronics recommends to connect
POR pin (internal supply) to RST pin (Reset).
Figure 20: Boot-up phase machine
Table 21: Timing constraints
Min.
Max.
Unit
t1
0
ms
t2
20
µs
t3
20
clk cycles
t4
2
ms
t5
7
µs
PDN
RST
Mode
Reset
Boot
Clk
VDD
t1
t2
t5
Sleep
POR
t3
t4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com