Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VL53L1
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 7Page - STMicroelectronics VL53L1 Datasheet HTML 8Page - STMicroelectronics VL53L1 Datasheet HTML 9Page - STMicroelectronics VL53L1 Datasheet HTML 10Page - STMicroelectronics VL53L1 Datasheet HTML 11Page - STMicroelectronics VL53L1 Datasheet HTML 12Page - STMicroelectronics VL53L1 Datasheet HTML 13Page - STMicroelectronics VL53L1 Datasheet HTML 14Page - STMicroelectronics VL53L1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
DocID031281 Rev 3
11/35
VL53L1X
Functional description
35
2.5.2
Timing budget (TB)
The VL53L1X timing budget can be set from 20 ms up to 1000 ms.
20 ms is the minimum timing budget and can be used only in Short distance mode.
33 ms is the minimum timing budget which can work for all distance modes.
140 ms is the timing budget which allows the maximum distance of 4 m (in the dark on
a white chart) to be reached under Long distance mode
Increasing the timing budget increases the maximum distance the device can range and
improves the repeatability error. However, average power consumption augments
accordingly.
Figure 6. Maximum distance and repeatability error vs. timing budget
Test conditions: timing budget = 33 ms, 140 ms, 200 ms, grey target 54 %,
ambient light = dark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com