Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # VL53L1
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 12Page - STMicroelectronics VL53L1 Datasheet HTML 13Page - STMicroelectronics VL53L1 Datasheet HTML 14Page - STMicroelectronics VL53L1 Datasheet HTML 15Page - STMicroelectronics VL53L1 Datasheet HTML 16Page - STMicroelectronics VL53L1 Datasheet HTML 17Page - STMicroelectronics VL53L1 Datasheet HTML 18Page - STMicroelectronics VL53L1 Datasheet HTML 19Page - STMicroelectronics VL53L1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Ranging performances
VL53L1X
16/35
DocID031281 Rev 3
3.2
Accuracy, repeatability, and ranging error definitions
3.2.1
Accuracy definition
Accuracy = mean distance – actual distance
Mean distance is the average of 32 measured distances
Actual distance is the actual target distance
Accuracy can be affected by an offset error, a temperature drift, and a voltage drift.
3.2.2
Repeatability definition
Repeatability is the standard deviation of the mean ranging value of 32 measurements. It
can be improved by increasing the timing budget. A typical repeatability value for VL53L1X
is from ±1 % to ±0.15 % depending on the timing budget and the ambient light.
3.2.3
Ranging error definition
Ranging error = accuracy + repeatability error.
This ranging error value is our metrics in the following performances tables.
3.3
Minimum ranging distance
The minimum ranging distance is 4 cm. Under this minimum distance, the sensor will detect
a target, but the measurement will not be accurate.
3.4
Performances in dark conditions
Test conditions (including those described in Section 3.1: Test conditions) are:
Ambient light = dark
Timing budget = 100 ms unless mentioned
Long distance mode
Table 6. Performances in dark conditions
Parameter
Target reflectance
Min. value
Typ. value
Max distance (cm)
White 88 %
260
360
(400 with TB = 140 ms)
Grey 54 %
220
340
Grey 17 %
80
170
Ranging error (mm)
± 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com