Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L1 Datasheet(PDF) 29 Page - STMicroelectronics

Part # VL53L1
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 25Page - STMicroelectronics VL53L1 Datasheet HTML 26Page - STMicroelectronics VL53L1 Datasheet HTML 27Page - STMicroelectronics VL53L1 Datasheet HTML 28Page - STMicroelectronics VL53L1 Datasheet HTML 29Page - STMicroelectronics VL53L1 Datasheet HTML 30Page - STMicroelectronics VL53L1 Datasheet HTML 31Page - STMicroelectronics VL53L1 Datasheet HTML 32Page - STMicroelectronics VL53L1 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
DocID031281 Rev 3
29/35
VL53L1X
Packaging and labeling
35
8
Packaging and labeling
8.1
Product marking
A 2-line product marking is applied on the backside of the module (i.e. on the substrate).
The first line is the silicon product code, and the second line, the internal tracking code.
Figure 22. Example of prototype marking
8.2
Inner box labeling
The labeling follows the ST standard packing acceptance specification.
The following information will be on the inner box label:
Assembly site
Sales type
Quantity
Trace code
Marking
Bulk ID number
8.3
Packing
At customer/subcontractor level, it is recommended to mount the VL53L1X in a clean
environment to avoid foreign material deposition.
To help avoid any foreign material contamination at phone assembly level the modules are
shipped in a tape and reel format with a protective liner.
The packaging is vacuum-sealed and includes a desiccant.
The liner is compliant with reflow at 260 °C. It must be removed during assembly of the
customer device, just before mounting the cover glass.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com