Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VL53L1
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 4 Page - STMicroelectronics

  VL53L1 Datasheet HTML 1Page - STMicroelectronics VL53L1 Datasheet HTML 2Page - STMicroelectronics VL53L1 Datasheet HTML 3Page - STMicroelectronics VL53L1 Datasheet HTML 4Page - STMicroelectronics VL53L1 Datasheet HTML 5Page - STMicroelectronics VL53L1 Datasheet HTML 6Page - STMicroelectronics VL53L1 Datasheet HTML 7Page - STMicroelectronics VL53L1 Datasheet HTML 8Page - STMicroelectronics VL53L1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Product overview
VL53L1X
4/35
DocID031281 Rev 3
1
Product overview
1.1
Technical specification
1.2
System block diagram
Figure 1. VL53L1X block diagram
Table 1. Technical specification
Feature
Detail
Package
Optical LGA12
Size
4.9 x 2.5 x 1.56 mm
Operating voltage
2.6 to 3.5 V
Operating temperature:
-20 to 85 °C
Receiver Field Of View (diagonal
FOV)
Programmable from 15 to 27 degrees
Infrared emitter
940 nm
I2C
Up to 400 kHz (Fast mode) serial bus
Programmable address. Default is 0x52.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com