Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L1 Datasheet(PDF) 18 Page - STMicroelectronics

Part # VL53L1
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 14Page - STMicroelectronics VL53L1 Datasheet HTML 15Page - STMicroelectronics VL53L1 Datasheet HTML 16Page - STMicroelectronics VL53L1 Datasheet HTML 17Page - STMicroelectronics VL53L1 Datasheet HTML 18Page - STMicroelectronics VL53L1 Datasheet HTML 19Page - STMicroelectronics VL53L1 Datasheet HTML 20Page - STMicroelectronics VL53L1 Datasheet HTML 21Page - STMicroelectronics VL53L1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Ranging performances
VL53L1X
18/35
DocID031281 Rev 3
3.6
Performances in partial ROI in dark conditions
Test conditions (including those described in Section 3.1: Test conditions) are:
•
Ambient light = dark
•
Target covers partial FoV
•
ROI centered on optical center
•
Long distance mode
Table 9. Typical performances in partial ROI in dark conditions
Parameter
Target reflectance
16x16
8x8
4x4
Max. distance (cm)
White 88 %
360
308
170
Grey 54 %
340
254
143
Grey 17%
170
119
45
Diagonal FoV (degrees)
27
20
15
Ranging error (mm)
± 20
± 20
± 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com