Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFG2021 Datasheet(PDF) 2 Page - TEKTRONIX, INC.

Part # AFG2021
Description  Arbitrary/Function Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

AFG2021 Datasheet(HTML) 2 Page - TEKTRONIX, INC.

  AFG2021 Datasheet HTML 1Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 2Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 3Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 4Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 5Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 6Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 7Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 8Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Superior performance at an affordable price
Most electronic devices, circuits, and systems are designed to handle some
form of a signal. These signals can be simple like an audio frequency or
clock signal or more complex like a serial data stream or the output of an
airbag sensor during a crash. With 20 MHz bandwidth, 14-bit resolution,
and 250 MS/s sample rate, the AFG2021 Arbitrary Function Generator can
create both simple and complex signals at an entry-level price. With
12 standard waveforms, modulation capability, and a built-in noise
generator, you can quickly create the signal you need to thoroughly
exercise your designs.
Intuitive user interface
The innovative ease-of-use features first seen on the AFG3000 Series
arbitrary/function generators are the building blocks for the AFG2021,
providing quick access to setup and operational features. Experienced
AFG3000 users will find it especially easy to set up the new AFG2021. A
3.5 inch color TFT screen shows relevant parameters in both graphic and
text formats, so you can have full confidence in your settings and focus on
the task at hand. The front-panel shortcut buttons and rotary knob provide
quick access to the most frequently used functions and settings.
Excellent frequency agility
Traditional function generators created their output signals using analog
oscillators and signal conditioning. The Tektronix AFG2021 relies on Direct
Digital Synthesis (DDS) techniques. DDS technology synthesizes
waveforms by using a single clock frequency to generate any frequency
within the instrument’s range. DDS architecture provides exceptional
frequency agility, making it possible to program fast frequency and phase
changes, which is useful for testing radio and satellite system components,
amplifiers, and filters.
Frequency range from 1 μHz to 20 MHz, supports a wide range of amplifier
and filter testing applications.
ArbExpress for real-world waveforms with
minimal effort
With ArbExpress software, you can quickly create waveforms that can be
copied to the AFG2021 to meet custom stimulus requirements. ArbExpress
supports direct connection to Tektronix oscilloscopes and AFGs through
USB, GPIB, or LAN. The software allows you to import real-world signals
captured with an oscilloscope onto a PC, then edit and download them onto
an AFG to duplicate the captured waveform. This is extremely useful for
automotive, medical, and industrial applications where recreating sensor
output is critical to analyzing the integrity of the design.
ArbExpress software helps you easily duplicate real-world signals.
Insert productivity with SignalExpress
Every AFG2021 ships with a free copy of the Tektronix Edition of National
Instrument’s LabVIEW SignalExpress software for basic instrument control,
data logging, and analysis. SignalExpress supports the range of Tektronix
bench instruments enabling you to connect your entire test bench. You can
then access each instrument from one intuitive software interface. This
allows you to automate complex measurements requiring multiple
instruments, log data for an extended period of time, time-correlate data
from multiple instruments, and easily capture and analyze your results, all
from your PC. Only Tektronix offers a connected test bench of intelligent
instruments to simplify and speed debug of your complex design.
Connectivity
Using the front-panel USB host port, you can save your customized
waveforms or instrument settings onto a USB memory stick. Reloading the
data is easily done by plugging the device back into the USB host port. The
USB device port and optional GPIB/LAN ports provide multiple alternatives
for connecting the AFG2021 to your PC for waveform download and remote
control.
Datasheet
2 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com