Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFG2021 Datasheet(PDF) 1 Page - TEKTRONIX, INC.

Part # AFG2021
Description  Arbitrary/Function Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

AFG2021 Datasheet(HTML) 1 Page - TEKTRONIX, INC.

  AFG2021 Datasheet HTML 1Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 2Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 3Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 4Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 5Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 6Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 7Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 8Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Arbitrary/Function Generator
AFG2021 Datasheet
The AFG2021 Arbitrary Function Generator gives you the power to create
the signals you need at an entry-level price. With 20 MHz bandwidth, 14-bit
resolution, and 250 MS/s sample rate, you can generate all manner of
signals -- from complex serial data streams to simple audio frequencies or
clock signals to the output of an airbag sensor during a crash. With
12 standard waveforms, modulation capability, and a built-in noise
generator, you can quickly create the signal you need to thoroughly
exercise your designs.
Notice to EU customers
This product is not updated to comply with the RoHS 2 Directive 2011/65/
EU and will not be shipped to the EU. Customers may be able to purchase
products from inventory that were placed on the EU market prior to
July 22, 2017 until supplies are depleted. Tektronix is committed to helping
you with your solution needs. Please contact your local sales
representative for further assistance or to determine if alternative product(s)
are available. Tektronix will continue service to the end of worldwide
support life.
Key performance specifications
20 MHz sine, 10 MHz pulse waveforms provide coverage for your most
common applications
250 MS/s sampling rate and 14-bit vertical resolution enable the
creation of high-fidelity signals
Key features
The innovative UI reduces setup and evaluation time with direct access
to frequently used functions and parameters
The internal 4 × 128 kS memory and the USB memory expansion
capability provide substantial capacity for defining complex waveforms
USB remote control port and USB flash drive port are included. GPIB
and LAN interfaces are available as an option
Built-in Modulation, Noise Generator, Burst, and Sweep modes for
greater versatility
Built-in waveforms provide quick access to commonly used signals
Large 3.5 inch color screen displays both graphical and numeric
waveform information simultaneously
Menu and online help in 8 languages
2U height and half-rack width fits both benchtop and rack-mounted
applications
Free ArbExpress software makes waveform editing and downloading
extremely easy
Free SignalExpress software combines Tektronix bench instruments
into a low-cost solution for automatic testing
Applications
Electronic test and design
Sensor simulation
Education and training
Functional test
System integration
www.tek.com 1


Similar Part No. - AFG2021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFG2021 ETC2-AFG2021 Datasheet
472Kb / 8P
Arbitrary/Function Generator
More results

Similar Description - AFG2021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
Function/Arbitrary Waveform Generator
81150A HP-81150A Datasheet
627Kb / 28P
Pulse Function Arbitrary Noise Generator
logo
List of Unclassifed Man...
AFG2021 ETC2-AFG2021 Datasheet
472Kb / 8P
Arbitrary/Function Generator
logo
Agilent(Hewlett-Packard...
33220A HP-33220A Datasheet
216Kb / 5P
20 MHz Function/Arbitrary Waveform Generator
logo
Keysight Technologies
E1445A KEYSIGHT-E1445A Datasheet
133Kb / 4P
Arbitrary Function Generator
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
Function/Arbitrary Waveform Generator
logo
TEKTRONIX, INC.
AFG1000 TEKTRONIX-AFG1000 Datasheet
288Kb / 12P
Arbitrary/Function Generator
logo
Good Will Instrument Co...
AFG-125 GWINSTEK-AFG-125 Datasheet
1Mb / 2P
USB MODULAR ARBITRARY FUNCTION GENERATOR
AFG-2100 GWINSTEK-AFG-2100 Datasheet
691Kb / 2P
ARBITRARY FUNCTION GENERATOR
logo
List of Unclassifed Man...
DG4000 ETC-DG4000 Datasheet
2Mb / 10P
Function/Arbitrary Waveform Generator
November 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com