Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFG2021 Datasheet(PDF) 8 Page - TEKTRONIX, INC.

Part # AFG2021
Description  Arbitrary/Function Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

AFG2021 Datasheet(HTML) 8 Page - TEKTRONIX, INC.

Back Button AFG2021 Datasheet HTML 4Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 5Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 6Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 7Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 8Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 9Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 10Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 11Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 12Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
System characteristics
Frequency setting resolution
1 μHz or 12 digits
Phase (except DC, Noise, Pulse)
Range
–360° to +360°
Resolution
Sine: 0.01°
Other Waveforms: 0.1°
Internal noise add
When activated, output signal amplitude is reduced to 50%
Level
0.0% to 50% of amplitude (Vp-p) setting
Resolution
1%
Main output
50 Ω
Internal frequency response
Stability
All except ARB: ±1 ppm, 0 °C to 50 °C
ARB: ±1 ppm ±1 μHz, 0 °C to 50 °C
Aging
±1 ppm per year
Power source
100 V to 240 V, 50 Hz to 60 Hz or 115 V, 400 Hz
Power consumption
60 W
Warm up time, typical
20 minutes
Power on self diagnostics, typical
<10 s
Accoustic noise, typical
<50 dBA
Display
3.5 in. Color TFT LCD
User interface and help language
English, French, German, Japanese, Korean, Simplified and Traditional Chinese, Russian (user selectable)
Physical characteristics
Dimensions
Height
104.2 mm (4.10 in.)
Width
241.8 mm (9.52 in.)
Depth
419.1 mm (16.50 in.)
Weight
Net
2.87 kg (6.3 lb.)
Shipping
4.72 kg (10.4 lb.)
Datasheet
8 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com