Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFG2021 Datasheet(PDF) 7 Page - TEKTRONIX, INC.

Part # AFG2021
Description  Arbitrary/Function Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

AFG2021 Datasheet(HTML) 7 Page - TEKTRONIX, INC.

Back Button AFG2021 Datasheet HTML 3Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 4Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 5Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 6Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 7Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 8Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 9Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 10Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 11Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Auxiliary input characteristics
Modulation input
Input range
All except FSK: ±1 V full scale
FSK: 3.3 V logic level
Impedance
10 kΩ
Frequency range
DC to 25 kHz (122 kS/s sample rate)
External triggered/gated burst
input
Level
TTL compatible
Pulse width
100 ns minimum
Slope
Positive/negative selectable
Trigger delay
0.0 ns to 85.000 s
Resolution
100 ps or 5 digits
Jitter (RMS), typical
Burst: <500 ps (Trigger input to signal output)
10 MHz reference input
Impedance
1 kΩ , AC coupled
Required input voltage swing
100 mVp-p to 5 vp-p
Lock range
10 MHz ±35 kHz
Auxiliary output characteristics
Trigger output
Level
Positive TTL level pulse into 1 kΩ
Impedance
50 Ω
Jitter (RMS), typical
500 ps
Max frequency
4.9 MHz (4.9 MHz to 20 MHz: A fraction of the frequency is output)
Common characteristics
Remote programming
(GPIB, LAN 10BASE-T/100BASE-TX, USB 1.1, compatible with SCPI-1999.0 and IEEE 488-2 standards)
Characteristic
USB
LAN 2
GPIB 2
Function change
95 ms
103 ms
84 ms
Frequency change
2 ms
19 ms
2 ms
Amplitude change
60 ms
67 ms
52 ms
Select user ARB
88 ms
120 ms
100 ms
Data download time for 4k point ARB waveform data (8 KB), typical 20 ms
84 ms
42 ms
2
GPIB and LAN interfaces are only available on the instrument with Option GL.
AFG2021 Arbitrary/Function Generator
www.tek.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com