Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFG2021 Datasheet(PDF) 5 Page - TEKTRONIX, INC.

Part # AFG2021
Description  Arbitrary/Function Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

AFG2021 Datasheet(HTML) 5 Page - TEKTRONIX, INC.

  AFG2021 Datasheet HTML 1Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 2Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 3Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 4Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 5Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 6Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 7Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 8Page - TEKTRONIX, INC. AFG2021 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
-- Resolution
10 ps or 4 digits
Lead delay
-- Range
Continuous Mode: 0 ps to Period Trigger/Gate Burst Mode: 0 ps to Period – [Pulse Width + 0.8 × (Leading Edge Time + Trailing
Edge Time)]
-- Resolution
10 ps or 8 digits
Overshoot
<5%, typical
Jitter (RMS)
<500 ps (<90 ps, typical)
Other waveforms
1 μHz to 200 kHz
Noise bandwidth (-3 dB)
20 MHz
Noise type
White Gaussian
DC (into 50 Ω)
–5 V to +5 V
Arbitrary waveforms
1 mHz to 10 MHz
Arbitrary waveforms in Burst
Mode
1 mHz to 5 MHz
Effective analog bandwidth
34 MHz
Nonvolatile memory
4 waveforms
Memory: sample rate
2 to 128 k: 250 MS/s
Vertical resolution
14 bits
Rise/fall time
≤20 ns
Jitter (RMS)
4 ns
Amplitude
Range
50 Ω load: 10 mVp-p to 10 Vp-p
Open circuit: 20 mVp-p to 20 Vp-p
Accuracy
±(1% of setting + 1 mV), (1 kHz sine waveform, 0 V offset, >10 mVp-p amplitude)
Resolution
0.1 mVp-p, 0.1 mVrms, 1 mV, 0.1 dBm, or 4 digits
Units
Vp-p, Vrms, dBm (sine wave only)
Output impedance
50 Ω
Load impedance setting
Selectable: 50 Ω, 1 Ω to 10.0 kΩ, high Z (adjusts displayed amplitude according to selected load impedance)
Isolation
<42 Vpeak maximum to earth
Short-circuit protection
Signal outputs are robust against permanent shorts against floating ground
External voltage protection
To protect signal outputs against external voltages use fuse adapter 013-0345-00
DC offset
Range
50 Ω load: ±(5 Vpeak – amplitude Vp-p/2)
Open circuit: ±(10 Vpeak – amplitude Vp-p/2)
-- Accuracy
±(1% of |setting| + 5 mV + 0.5% of amplitude (Vp-p))
-- Resolution
1 mV
AFG2021 Arbitrary/Function Generator
General characteristics
www.tek.com 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com