Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BSV-H Datasheet(PDF) 3 Page - Bellnix Co.,Ltd.

Part # BSV-H
Description  High-Speed Response Non-Isolated POL DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSV-H Datasheet(HTML) 3 Page - Bellnix Co.,Ltd.

  BSV-H Datasheet HTML 1Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 2Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 3Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 4Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 5Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 6Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 7Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 8Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
High-Speed Response Non-Isolated POL DC-DC Converter
BSV-H Series
3
BDD20150227
Bellnix
DC-DC Converter
4-2 Output characteristics and functions
*2, *3
Item
Specifications & Standards
Conditions
Rated output voltage
3.3V
Output voltage accuracy
3.3V±1% (±0.033V)
Adjustable output voltage
range
0.8V to 3.3V
By external resistor
Output current
0 to 16A
Derating required
Line regulation
0.5% typ.
1.0% max.
Input voltage varying from 4.0
to 5.5V
Load regulation
0.5% typ.
1.0% max.
Load varying from 0 to 16A
Temperature regulation
±0.02%/ºC typ.
Upon
12A
output.
Temperature varying from -40
to +55 ºC
Efficiency
92% typ.
Upon output of 16A
Ripple noise
30mVp-p typ.
100mVp-p max.
BW=20MHz
Over current protection
circuit
Operate at 105% or above, auto restart
type
Over voltage protection
circuit
None
Under voltage lock out
Yes
Activation voltage: 2.84V±0.1V
Deactivation voltage: 2.78V±0.1V
ON/OFF control
ON when open (2.6V or more)
OFF when short (0.65V or less)
Upon input of 3.3V
ON when open (3.75V or more)
OFF when short (0.9V or less)
Upon input of 5.0V
P-Good
threshold
voltage
±72mV (58 to 86mV)
When Vout < 1.2V
±6.1% (4.8 to 7.1%)
When Vout ≧1.2V
P-Good low level voltage 0.3V max.
Sink current 4mA max.
Turn-on Delay
Upon activation by input voltage: 1.8 to
2.8ms
Upon activation by On/Off pin: 40 to
100
μs
Turn-on Rise
1.0ms typ.
Resistance load
P-Good blanking time
4.0ms typ.
Upon activation only
Max. output capacitive
load
10000
μF max.
*2 With the measurement circuit of 4-3.
*3 Unless otherwise specified, measured at 5.0V input voltage, 3.3V output voltage, 16A output
current, and 25ºC±5ºC ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com