Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BSV-H Datasheet(PDF) 7 Page - Bellnix Co.,Ltd.

Part # BSV-H
Description  High-Speed Response Non-Isolated POL DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSV-H Datasheet(HTML) 7 Page - Bellnix Co.,Ltd.

Back Button BSV-H Datasheet HTML 3Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 4Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 5Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 6Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 7Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 8Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 9Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 10Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 11Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
High-Speed Response Non-Isolated POL DC-DC Converter
BSV-H Series
7
BDD20150227
Bellnix
DC-DC Converter
8.
Usage information
8-1 Standard connection diagram
Vin
C1
9
1
4
7
Load
5,8
SW
R1: Vout Down設定抵抗
3
6
C2
R1
2
C1 : 47μF
C2 : 22μF
+Vin
P-Good
On/Off
GND
-Sense
Trim
+Sense
+Vout
+
BSV-3.3S16R0H
Open=On
Short=Off
Note 1: The product requires that it be mounted on the PCB since more than 70% of the heat is
released through GND pins (5, 8pin) and the rest through +Vin pin and +Vout pin. The patterns
should be taken wide enough to release heat when designing.
Note 2: Keep ON/OFF pin open when not using ON/OFF control.
Note 3: Keep Trim pin open when not using adjustable output.
Note 4: GND pins (5, 8pin) are connected internally. These two pins should be connected to GND line
to make the best use of the product.
Note 5: Make sure that Sense pin is connected on the board. No connection of Sense pin may result in
the voltage output being higher than rated voltage.
Note 6: Avoid wiring patterns directly underneath this product (the first layer). This shall not apply to any
area other than the surface layer on the converter side.
Recommended capacitor
C1 =
47μF
C2 =
2.2μF to 200μF typ. 10000μF max.
C1: Not required as long as impedance is very low and lines between +Vin side and the converter are
connected thick and short. For high impedance, adding a capacitor of low ESR such as an organic
semiconductor solid capacitor or a multi-layered ceramic capacitor is recommended.
C2: Not required due to an internal output capacitor. A multi-layered ceramic capacitor placed on the
load side will be recommended to satisfy electrical characteristics (to reduce ripple noise).
R1: Vout Down Setting Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com