Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BSV-H Datasheet(PDF) 10 Page - Bellnix Co.,Ltd.

Part # BSV-H
Description  High-Speed Response Non-Isolated POL DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSV-H Datasheet(HTML) 10 Page - Bellnix Co.,Ltd.

Back Button BSV-H Datasheet HTML 6Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 7Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 8Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 9Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 10Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 11Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 12Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 13Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 14Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
High-Speed Response Non-Isolated POL DC-DC Converter
BSV-H Series
10
BDD20150227
Bellnix
DC-DC Converter
8-6 P-Good pin
Output state of the converter may be obtained by using P-Good pin. This pin is pulled up internally to
+Vin pin with
47kΩ resistor. When output voltage (+Sense pin voltage) goes out of the converter’s
pre-set range, P-Good pin becomes low.
・ Vout < 1.2V : | Output voltage-Set voltage | 72mV typ. -> High
・ Vout ≧1.2V: | Output voltage-Set voltage | 6.1% typ. of set voltage -> High
However, even if the above conditions are fulfilled, output voltage may decrease to Low under the
following circumstances.
・ Potential difference between input and output: Vin - Vout < 0.7
・ Input voltage less than 3V
・ Output current in over current state
・ IC
’s junction temp exceeding 150ºC typ.
+Vin
1
2
GND 5,8
P-Good
47kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com