Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BSV-H Datasheet(PDF) 8 Page - Bellnix Co.,Ltd.

Part # BSV-H
Description  High-Speed Response Non-Isolated POL DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSV-H Datasheet(HTML) 8 Page - Bellnix Co.,Ltd.

Back Button BSV-H Datasheet HTML 4Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 5Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 6Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 7Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 8Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 9Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 10Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 11Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 12Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
High-Speed Response Non-Isolated POL DC-DC Converter
BSV-H Series
8
BDD20150227
Bellnix
DC-DC Converter
8-2 Turn-on Rise characteristics
Amount of start-up time required for activating output voltage and P-Good signal after meeting
start-up conditions shall be as illustrated in the following figure.
Note 1) Apply Vin of the converter at the speed faster than 5V/s.
入力電圧
on/off端子
出力電圧
P-Good端子電圧
起動開始電圧
起動開始電圧
P-Good blanking time
4ms typ.
Turn-on Delay
2.2ms typ.
Turn-on Rise
1.0ms typ.
Turn-on Rise
1.0ms typ.
P-Good blanking time
4ms typ.
* In the measurement circuit of 4-3
8-3
ON/OFF Control
The ON/OFF Control function enables users to control ON/OFF of the output voltage without inputting or
cutting it off. On/Off pins are connected inside to +Vin pin
with a 22kΩ resistor.
Leave the On/Off pin open when ON/OFF Control is not used.
Between On/Off pin (No.9 pin) and GND (No.8 pin)
Open
Output ON
Short (0 to 0.65V
0.3mA max.
) …
Output OFF
+Vin
1
9
GND
or
5,8
On/Off
22kΩ
Output voltage
P-Good pin voltage
Input voltage
Start-up voltage
ON/OFF pin
Start-up voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com