Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BSV-H Datasheet(PDF) 4 Page - Bellnix Co.,Ltd.

Part # BSV-H
Description  High-Speed Response Non-Isolated POL DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BSV-H Datasheet(HTML) 4 Page - Bellnix Co.,Ltd.

  BSV-H Datasheet HTML 1Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 2Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 3Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 4Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 5Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 6Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 7Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 8Page - Bellnix Co.,Ltd. BSV-H Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
High-Speed Response Non-Isolated POL DC-DC Converter
BSV-H Series
4
BDD20150227
Bellnix
DC-DC Converter
4-3 Measurement circuit
Vin
C1
On/Off
Vin
Vout
Trim
Load
BSV-3.3S16R0H
GND
SW
Open =On
Short=Off
R1:Vout Down設定抵抗
+Sense
-Sense
C2
R1
V
A
A
V
オシロスコ-プ
(OSC)
オシロスコープ
(リップル・
ノイズの測定)
C3
R1
同軸ケーブル:50
Ω 1.5m
R1:51
Ω
C3:0.1
μ F
C1 : 47
μ F(積層セラミックコンデンサ)
C2 : 4.7
μ F(積層セラミックコンデンサ)
GND
1
9
8
5
6
7
3
4
5.
Block diagram
control
Vfb
POWER IC
L1
GND
5
-Sense
6
Trim
7
+Sense
3
+Vout
4
+Vin
1
On/Off
9
GND
8
PG
P-Good
2
R1: Vout Down Setting Resistor
C1: 47µF (Multilayer ceramic capacitor)
C2: 4.7µF (Multilayer ceramic capacitor)
Coaxial cable
Oscilloscope
(OSC)
Oscilloscope
(Measurement
of ripple noise)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com