Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE7258LE Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # TLE7258LE
Description  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258LE Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button TLE7258LE Datasheet HTML 23Page - Infineon Technologies AG TLE7258LE Datasheet HTML 24Page - Infineon Technologies AG TLE7258LE Datasheet HTML 25Page - Infineon Technologies AG TLE7258LE Datasheet HTML 26Page - Infineon Technologies AG TLE7258LE Datasheet HTML 27Page - Infineon Technologies AG TLE7258LE Datasheet HTML 28Page - Infineon Technologies AG TLE7258LE Datasheet HTML 29Page - Infineon Technologies AG TLE7258LE Datasheet HTML 30Page - Infineon Technologies AG TLE7258LE Datasheet HTML 31Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
TLE7258
Application Information
Data Sheet
27
Rev. 1.1, 2015-08-20
7.7
Compatibility with other Infineon LIN Transceivers
Infineon offers a complete LIN transceiver family consisting of devices in PG-DSO-8 package (TLE7257SJ,
TLE7258SJ and TLE7259-3GE) and PG-TSON-8 package (TLE7257LE, TLE7258D, TLE7258LE and TLE7259-
3LE). All these devices are pin-to-pin compatible, with the only differences at the pins named N.C. ( = Not
Connected). The N.C. pins can be left open on the PCB in applications where these functionalities are not needed.
The N.C. pins are internally not bonded, so the devices will not be affected if these pins are connected to signals
on the application PCB.
Figure 18
Pin compatibility between TLE7257SJ, TLE7258SJ and TLE7259-3GE
The functional difference between the devices in the Infineon LIN transceiver family is summarized in Table 10
and in Table 11. For mode details on the functional and parametric differences, please refer to the respective
part’s datasheet.
Table 10
Functionality of LIN transceiver family, PG-DSO-8 package
Device
TLE7257SJ
TLE7258SJ
TLE7259-3GE
Applications
Standard LIN
Master node
Standard LIN
Slave node
High End LIN
All kind of nodes
Features
Fast Programming mode
–
–
✔
Local Wake input
–
–
✔
Inhibit output usage
VREG control
VREG control
VREG control
Master Termination
TxD Time-out
✔✔✔
Power-Up mode
Sleep mode
Standby mode
Standby mode
TLE7259-3GE
RxD
EN
N.C.
TxD
INH
V
S
BUS
GND
TLE7257SJ
RxD
EN
N.C.
TxD
INH
V
S
BUS
GND
TLE7258SJ
RxD
EN
WK
TxD
INH
V
S
BUS
GND
1
2
3
45
6
7
8
1
2
3
45
6
7
8
1
2
3
45
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com